Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2835IRUNR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2835IRUNR
Description  Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2835IRUNR Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA2835IRUNR Datasheet HTML 4Page - Texas Instruments OPA2835IRUNR Datasheet HTML 5Page - Texas Instruments OPA2835IRUNR Datasheet HTML 6Page - Texas Instruments OPA2835IRUNR Datasheet HTML 7Page - Texas Instruments OPA2835IRUNR Datasheet HTML 8Page - Texas Instruments OPA2835IRUNR Datasheet HTML 9Page - Texas Instruments OPA2835IRUNR Datasheet HTML 10Page - Texas Instruments OPA2835IRUNR Datasheet HTML 11Page - Texas Instruments OPA2835IRUNR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
OPA835
OPA2835
SLOS713D
– JANUARY 2011 – REVISED OCTOBER 2011
www.ti.com
SPECIFICATIONS: VS = 5 V (continued)
Test conditions unless otherwise noted: VS+ = +5 V, VS– = 0 V, VO = 2 VPP, RF = 0 Ω, RL = 2 kΩ, G = 1 V/V, Input and Output
Referenced to mid-supply. TA = 25°C. Unless otherwise noted.
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LEVEL(1)
GAIN SETTING RESISTORS (OPA835IRUN ONLY)
Resistor FB1 to FB2
DC resistance
2376
2400
2424
Ω
A
Resistor FB2 to FB3
DC resistance
1782
1800
1818
Ω
A
Resistor FB3 to FB4
DC resistance
594
600
606
Ω
A
Resistor Tolerance
DC resistance
±1
%
A
Resistor Temperature Coefficient
DC resistance
<10
PPM
C
POWER SUPPLY
Specified operating voltage
2.5
5.5
V
B
TA = 25°C
200
250
350
µA
A
Quiescent operating current per
amplifier
TA = –40°C to 125°C
150
365
µA
B
Power supply rejection (
±PSRR)
90
110
dB
A
POWER DOWN (PIN MUST BE DRIVEN)
Enable voltage threshold
Specified
"on" above VS–+ 2.1 V
1.4
2.1
V
A
Disable voltage threshold
Specified
"off" below VS–+ 0.7 V
0.7
1.4
V
A
Powerdown pin bias current
PD = 0.5 V
20
500
nA
A
Powerdown quiescent current
PD = 0.5 V
0.5
1.5
µA
A
Turn-on time delay
Time from PD = high to VOUT = 90% of final value
200
ns
C
Turn-off time delay
Time from PD = low to VOUT = 10% of original value
60
ns
C
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA835 OPA2835


Similar Part No. - OPA2835IRUNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2835IRUNR TI1-OPA2835IRUNR Datasheet
1Mb / 43P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
MAY2011
OPA2835IRUNR TI1-OPA2835IRUNR Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
National Semiconductor ...
OPA2835IRUNR NSC-OPA2835IRUNR Datasheet
2Mb / 53P
   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
Texas Instruments
OPA2835IRUNR TI1-OPA2835IRUNR Datasheet
2Mb / 57P
[Old version datasheet]   Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
More results

Similar Description - OPA2835IRUNR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA2835 NSC-OPA2835 Datasheet
2Mb / 53P
   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
Texas Instruments
OPA2835-DIE TI1-OPA2835-DIE Datasheet
107Kb / 5P
[Old version datasheet]   ULTRA LOW-POWER, RAIL-TO-RAIL OUT, NEGATIVE RAIL IN, VFB OP AMP
OPA835 TI1-OPA835 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
MAY2011
OPA835 TI1-OPA835_12 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA836 TI1-OPA836 Datasheet
1Mb / 49P
[Old version datasheet]   Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OCTOBER2011
OPA836 TI1-OPA836_14 Datasheet
2Mb / 54P
[Old version datasheet]   Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA835 TI1-OPA835_16 Datasheet
2Mb / 57P
[Old version datasheet]   Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA835 TI-OPA835_15 Datasheet
1Mb / 57P
[Old version datasheet]   OPAx835 Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
TLV197-Q1 TI1-TLV197-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   TLVx197-Q1 Automotive, High-Voltage, Precision, Rail-to-Rail In, Rail-to-Rail Out Op Amp
OPA2836-Q1 TI1-OPA2836-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Very-Low Power, Rail-to-Rail Out, Negative-Rail In, Voltage-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com