Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2836IDGS Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2836IDGS
Description  Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2836IDGS Datasheet(HTML) 3 Page - Texas Instruments

  OPA2836IDGS Datasheet HTML 1Page - Texas Instruments OPA2836IDGS Datasheet HTML 2Page - Texas Instruments OPA2836IDGS Datasheet HTML 3Page - Texas Instruments OPA2836IDGS Datasheet HTML 4Page - Texas Instruments OPA2836IDGS Datasheet HTML 5Page - Texas Instruments OPA2836IDGS Datasheet HTML 6Page - Texas Instruments OPA2836IDGS Datasheet HTML 7Page - Texas Instruments OPA2836IDGS Datasheet HTML 8Page - Texas Instruments OPA2836IDGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
OPA836
OPA2836
www.ti.com
SLOS712D
– JANUARY 2011 – REVISED OCTOBER 2011
SPECIFICATIONS: VS = 2.7 V
Test conditions unless otherwise noted: VS+ = +2.7 V, VS– = 0 V, VOUT = 1 VPP, RF = 0 Ω, RL = 1 kΩ, G = 1 V/V, Input and
Output Referenced to mid-supply. TA = 25°C. Unless otherwise noted
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LEVEL(1)
AC PERFORMANCE
VOUT = 100 mVPP, G = 1
200
VOUT = 100 mVPP, G = 2
100
Small-signal bandwidth
MHz
C
VOUT = 100 mVPP, G = 5
26
VOUT = 100 mVPP, G = 10
11
Gain-bandwidth product
VOUT = 100 mVPP, G = 10
110
MHz
C
Large-signal bandwidth
VOUT = 1 VPP, G = 2
60
MHz
C
Bandwidth for 0.1dB flatness
VOUT = 1 VPP, G=2
25
MHz
C
Slew rate, Rise/Fall
260/240
V/
µs
C
Rise/Fall time
4/4.5
ns
C
Settling time to 1%, Rise/Fall
15/15
ns
C
VOUT = 1VSTEP, G = 2
Settling time to 0.1%, Rise/Fall
30/25
ns
C
Settling time to 0.01%, Rise/Fall
50/45
ns
C
Overshoot/Undershoot
5/3
%
C
f = 10 kHz, VIN_CM = mid-supply – 0.5V
-133
C
f = 100 kHz, VIN_CM = mid-supply – 0.5V
-120
dBc
C
2nd Order Harmonic Distortion
f = 1 MHz, VIN_CM = mid-supply – 0.5V
-84
C
f = 10 kHz, VIN_CM = mid-supply – 0.5V
-137
C
f = 100 kHz, VIN_CM = mid-supply – 0.5V
-130
dBc
C
3rd Order Harmonic Distortion
f = 1 MHz, VIN_CM = mid-supply – 0.5V
-105
C
f = 1 MHz, 200 kHz Tone Spacing, VOUT
-90
dBc
C
2nd Order Intermodulation Distortion
Envelope = 1VPP, VIN_CM = mid-supply –
-90
dBc
C
3rd Order Intermodulation Distortion
0.5V
Input voltage noise
f = 100 KHz
4.6
nV/
√Hz
C
Voltage Noise 1/f corner frequency
215
Hz
C
Input current noise
f = 1 MHz
0.75
pA/
√Hz
C
Current Noise 1/f corner frequency
31.7
kHz
C
Overdrive recovery time, Over/Under
Overdrive = 0.5 V
55/60
ns
C
Closed-loop output impedance
f = 100 kHz
0.02
Ω
C
Channel to channel crosstalk (OPA2836)
f = 10 kHz
-120
dB
C
(1)
Test levels (all values set by characterization and simulation): (A) 100% tested at 25
°C; over temperature limits by characterization and
simulation. (B) Not tested in production; limits set by characterization and simulation. (C) Typical value only for information.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): OPA836 OPA2836


Similar Part No. - OPA2836IDGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2836IDGS TI1-OPA2836IDGS Datasheet
2Mb / 54P
[Old version datasheet]   Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA2836IDGSR TI1-OPA2836IDGSR Datasheet
2Mb / 54P
[Old version datasheet]   Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA2836IDGSR TI1-OPA2836IDGSR Datasheet
2Mb / 57P
[Old version datasheet]   Operational Amplifiers
More results

Similar Description - OPA2836IDGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA836 TI1-OPA836_14 Datasheet
2Mb / 54P
[Old version datasheet]   Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
National Semiconductor ...
OPA2835 NSC-OPA2835 Datasheet
2Mb / 53P
   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
Texas Instruments
OPA835_1110 TI1-OPA835_1110 Datasheet
1Mb / 49P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OCTOBER2011
OPA2835-DIE TI1-OPA2835-DIE Datasheet
107Kb / 5P
[Old version datasheet]   ULTRA LOW-POWER, RAIL-TO-RAIL OUT, NEGATIVE RAIL IN, VFB OP AMP
OPA835 TI1-OPA835 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
MAY2011
OPA835 TI1-OPA835_12 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA835 TI1-OPA835_16 Datasheet
2Mb / 57P
[Old version datasheet]   Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA835 TI-OPA835_15 Datasheet
1Mb / 57P
[Old version datasheet]   OPAx835 Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA2836-Q1 TI1-OPA2836-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Very-Low Power, Rail-to-Rail Out, Negative-Rail In, Voltage-Feedback Operational Amplifier
OPA836 TI-OPA836_15 Datasheet
1Mb / 57P
[Old version datasheet]   OPAx836 Very-Low-Power, Rail-to-Rail Out, Negative-Rail In, Voltage-Feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com