Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D3SB80 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # D3SB80
Description  General Purpose Rectifiers(800V 4A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D3SB80 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  D3SB80 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D3SB80 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D3SB80 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D3SB80 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D3SB80 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D3SB80 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Forward Voltage
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0.1
1
10
D3SBx
Pulse measurement per diode
Tc=150
°C [TYP]
Tc=25
°C [TYP]
Forward Voltage VF [V]


Similar Part No. - D3SB80

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
D3SB80 SSE-D3SB80 Datasheet
16Kb / 1P
   SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
logo
Leshan Radio Company
D3SB80 LRC-D3SB80 Datasheet
55Kb / 2P
   4.0A BRIDGE RECTIFIERS
logo
Shenzhen Ping Sheng Ele...
D3SB80 PFS-D3SB80 Datasheet
346Kb / 2P
   Single-phase Silicon Bridge Rectifier
logo
SeCoS Halbleitertechnol...
D3SB80 SECOS-D3SB80 Datasheet
478Kb / 2P
   Molding Single-Phase Bridge Rectifier
logo
Rugao Dachang Electroni...
D3SB80 DACHANG-D3SB80 Datasheet
136Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 800V Forward Current 4 A
More results

Similar Description - D3SB80

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D4SB80 SHINDENGEN-D4SB80 Datasheet
305Kb / 6P
   General Purpose Rectifiers(800V 4A)
D5SB80 SHINDENGEN-D5SB80 Datasheet
302Kb / 6P
   General Purpose Rectifiers(800V 6A)
M1F80 SHINDENGEN-M1F80 Datasheet
283Kb / 6P
   General Purpose Rectifiers(800V 1A)
D20XB80 SHINDENGEN-D20XB80 Datasheet
349Kb / 6P
   General Purpose Rectifiers(800V 20A)
D2SB80 SHINDENGEN-D2SB80 Datasheet
272Kb / 5P
   General Purpose Rectifiers(800V 1.5A)
S1VB80 SHINDENGEN-S1VB80 Datasheet
319Kb / 5P
   General Purpose Rectifiers(800V 1A)
D10XB80 SHINDENGEN-D10XB80 Datasheet
309Kb / 6P
   General Purpose Rectifiers(800V 10A)
D6SB80 SHINDENGEN-D6SB80 Datasheet
330Kb / 6P
   General Purpose Rectifiers(800V 6A)
D15XB80 SHINDENGEN-D15XB80 Datasheet
303Kb / 6P
   General Purpose Rectifiers(800V 15A)
S1NB80 SHINDENGEN-S1NB80 Datasheet
271Kb / 5P
   General Purpose Rectifiers(800V 1A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com