Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA320AIDBVT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA320AIDBVT
Description  Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA320AIDBVT Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA320AIDBVT Datasheet HTML 15Page - Texas Instruments OPA320AIDBVT Datasheet HTML 16Page - Texas Instruments OPA320AIDBVT Datasheet HTML 17Page - Texas Instruments OPA320AIDBVT Datasheet HTML 18Page - Texas Instruments OPA320AIDBVT Datasheet HTML 19Page - Texas Instruments OPA320AIDBVT Datasheet HTML 20Page - Texas Instruments OPA320AIDBVT Datasheet HTML 21Page - Texas Instruments OPA320AIDBVT Datasheet HTML 22Page - Texas Instruments OPA320AIDBVT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
OPA320, OPA2320
OPA320S, OPA2320S
www.ti.com
SBOS513D
– AUGUST 2010 – REVISED NOVEMBER 2011
REVISION HISTORY
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (August 2011) to Revision D
Page
Changed status of OPA2320 SO-8 (D) to production data from product preview. ............................................................... 2
Changes from Revision B (March 2010) to Revision C
Page
Added SHDN value to Electrical Characteristics condition line ............................................................................................ 3
Added new test condition row for Input Bias Current Over Temperature parameter ........................................................... 3
Changed test condition for Phase Margin parameter in Electrical Characteristics ............................................................... 3
Added test condition to Short-Circuit Current parameter in Electrical Characteristics ......................................................... 4
Changed Shutdown subsection of Electrical Characteristics along with associated notes .................................................. 4
Changed Power Supply subsection of Electrical Characteristics ......................................................................................... 4
Added values to Thermal Information tables, moved to new page, and updated format ..................................................... 5
Removed D (SO-8) package pinout drawing from Pin Configurations section ..................................................................... 6
Changed names of pins 2 and 6 for DGS (MSOP-10) package .......................................................................................... 6
Changed Figure 4 ................................................................................................................................................................. 7
Changed Figure 18 ............................................................................................................................................................... 9
Changed 100
µs to 100ns in first paragraph of Overload Recovery Time section .............................................................. 14
Changed Figure 34 ............................................................................................................................................................. 14
Changed Figure 35 ............................................................................................................................................................. 14
Changed R2 value in Figure 40 from 500Ω to 50kΩ ........................................................................................................... 17
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): OPA320 OPA2320 OPA320S OPA2320S


Similar Part No. - OPA320AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA320AIDBVT TI1-OPA320AIDBVT Datasheet
1Mb / 32P
[Old version datasheet]   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
logo
National Semiconductor ...
OPA320AIDBVT NSC-OPA320AIDBVT Datasheet
1Mb / 37P
   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
More results

Similar Description - OPA320AIDBVT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA320 NSC-OPA320 Datasheet
1Mb / 37P
   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
OPA2320 TI1-OPA2320 Datasheet
1Mb / 32P
[Old version datasheet]   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
OPA2328 TI-OPA2328 Datasheet
1Mb / 23P
[Old version datasheet]   OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
FEBRUARY 2022
OPA2328 TI-OPA2328_V01 Datasheet
1Mb / 27P
[Old version datasheet]   OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
REVISED JUNE 2022
OPA2325 TI1-OPA2325 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA328 TI-OPA328 Datasheet
1Mb / 31P
[Old version datasheet]   OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
REVISED NOVEMBER 2022
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
[Old version datasheet]   Low Noise, CMOS Input Operational Amplifier with Shutdown
OPA328 TI-OPA328_V01 Datasheet
1Mb / 32P
[Old version datasheet]   OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
REVISED MAY 2023
logo
Burr-Brown (TI)
OPA727 BURR-BROWN-OPA727 Datasheet
537Kb / 20P
   20MHz, High Precision CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com