Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA1602 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1602
Description  High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1602 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA1602 Datasheet HTML 2Page - Texas Instruments OPA1602 Datasheet HTML 3Page - Texas Instruments OPA1602 Datasheet HTML 4Page - Texas Instruments OPA1602 Datasheet HTML 5Page - Texas Instruments OPA1602 Datasheet HTML 6Page - Texas Instruments OPA1602 Datasheet HTML 7Page - Texas Instruments OPA1602 Datasheet HTML 8Page - Texas Instruments OPA1602 Datasheet HTML 9Page - Texas Instruments OPA1602 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
0.001
0.0001
0.00001
10
100
1k
10k 20k
Frequency (Hz)
G = +1, R = 600W
L
G = +1, R = 2k
G = 1, R = 600
L
L
W
-
W
G = 1, R = 2k
G = +10, R = 600
G = +10, R = 2k
-
W
W
W
L
L
L
V
= 3V
OUT
RMS
BW = 80kHz
-100
120
140
-
-
R = 600
L
W
R = 2k
L
W
0.01
0.001
0.0001
0.00001
10
100
1k
10k
20k
Frequency (Hz)
R = 0W
S
R = 300
R = 600
R = 1k
S
S
S
W
W
W
V
= 3V
OUT
RMS, BW = 80kHz
OPA1602
+15V
-15V
R
L
R
SOURCE
-80
100
120
140
-
-
-
0.01
0.001
0.0001
0.00001
10
100
1k
10k
100k
Frequency (Hz)
G = +1, R = 600W
L
G = +1, R = 2k
G = 1, R = 600
L
L
W
-
W
G = 1, R = 2k
G = +10, R = 600
G = +10, R = 2k
-
W
W
W
L
L
L
V
= 3V
OUT
RMS
BW > 500kHz
-
-
80
100
120
140
-
-
R = 600
L
W
R = 2k
L
W
0.01
0.001
0.0001
0.00001
10
100
1k
10k
100k
Frequency (Hz)
V
= 3V
OUT
RMS
BW > 500kHz
R = 0W
S
R = 300
R = 600
R = 1k
S
S
S
W
W
W
OPA1602
+15V
-15V
R
L
R
SOURCE
-
-
80
100
120
140
-
-
0.1
0.01
0.001
0.0001
0.00001
0.000001
-
-
-
-
-
60
80
100
120
140
160
-
0.1
1
10
20
Output Amplitude (V
)
RMS
G = +1
DIM30
(3kHz square wave,
15kHz sine wave)
SMPTE/DIN
Two-Tone, 4:1
(60Hz and 7kHz)
CCIF Twin-Tone
(19kHz and 20kHz)
0.01
0.001
0.0001
0.00001
0.1
1
10
20
Output Amplitude (V
)
RMS
G = +1, R = 600W
L
G = +1, R = 2k
G = 1, R = 600
L
L
W
-
W
G = 1, R = 2k
G = +10, R = 600
G = +10, R = 2k
-
W
W
W
L
L
L
1kHz Signal
BW = 80kHz
R
= 0
SOURCE
W
-80
100
120
140
-
-
-
R = 600
L
W
R = 2k
L
W
OPA1602
OPA1604
SBOS474B
– APRIL 2011 – REVISED NOVEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±15V, and RL = 2kΩ, unless otherwise noted.
THD+N RATIO vs FREQUENCY
THD+N RATIO vs FREQUENCY
Figure 7.
Figure 8.
THD+N RATIO vs FREQUENCY
THD+N RATIO vs FREQUENCY
Figure 9.
Figure 10.
INTERMODULATION DISTORTION vs
THD+N RATIO vs OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
Figure 11.
Figure 12.
6
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA1602 OPA1604


Similar Part No. - OPA1602

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1602AID TI1-OPA1602AID Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1602AIDGK TI1-OPA1602AIDGK Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1602AIDGKR TI1-OPA1602AIDGKR Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1602AIDR TI1-OPA1602AIDR Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
More results

Similar Description - OPA1602

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1611 TI-OPA1611 Datasheet
736Kb / 21P
[Old version datasheet]   High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602 TI-OPA1602_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1611 TI-OPA1611_15 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1612-Q1 TI1-OPA1612-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifier
logo
Burr-Brown (TI)
OPA134_071 BURR-BROWN-OPA134_071 Datasheet
403Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 BURR-BROWN-OPA134_08 Datasheet
432Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com