Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2170AIDR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2170AIDR
Description  36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2170AIDR Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA2170AIDR Datasheet HTML 2Page - Texas Instruments OPA2170AIDR Datasheet HTML 3Page - Texas Instruments OPA2170AIDR Datasheet HTML 4Page - Texas Instruments OPA2170AIDR Datasheet HTML 5Page - Texas Instruments OPA2170AIDR Datasheet HTML 6Page - Texas Instruments OPA2170AIDR Datasheet HTML 7Page - Texas Instruments OPA2170AIDR Datasheet HTML 8Page - Texas Instruments OPA2170AIDR Datasheet HTML 9Page - Texas Instruments OPA2170AIDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
OPA170
OPA2170
OPA4170
SBOS557A
– AUGUST 2011 – REVISED SEPTEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
Table 1. Characteristic Performance Measurements
DESCRIPTION
FIGURE
Offset Voltage Production Distribution
Figure 1
Offset Voltage Drift Distribution
Figure 2
Offset Voltage vs Temperature
Figure 3
Offset Voltage vs Common-Mode Voltage
Figure 4
Offset Voltage vs Common-Mode Voltage (Upper Stage)
Figure 5
Offset Voltage vs Power Supply
Figure 6
IB and IOS vs Common-Mode Voltage
Figure 7
Input Bias Current vs Temperature
Figure 8
Output Voltage Swing vs Output Current (Maximum Supply)
Figure 9
CMRR and PSRR vs Frequency (Referred-to Input)
Figure 10
CMRR vs Temperature
Figure 11
PSRR vs Temperature
Figure 12
0.1Hz to 10Hz Noise
Figure 13
Input Voltage Noise Spectral Density vs Frequency
Figure 14
THD+N Ratio vs Frequency
Figure 15
THD+N vs Output Amplitude
Figure 16
Quiescent Current vs Temperature
Figure 17
Quiescent Current vs Supply Voltage
Figure 18
Open-Loop Gain and Phase vs Frequency
Figure 19
Closed-Loop Gain vs Frequency
Figure 20
Open-Loop Gain vs Temperature
Figure 21
Open-Loop Output Impedance vs Frequency
Figure 22
Small-Signal Overshoot vs Capacitive Load (100mV Output Step)
Figure 23, Figure 24
No Phase Reversal
Figure 25
Positive Overload Recovery
Figure 26
Negative Overload Recovery
Figure 27
Small-Signal Step Response (100mV)
Figure 28, Figure 29
Large-Signal Step Response
Figure 30, Figure 31
Large-Signal Settling Time (10V Positive Step)
Figure 32
Large-Signal Settling Time (10V Negative Step)
Figure 33
Short-Circuit Current vs Temperature
Figure 34
Maximum Output Voltage vs Frequency
Figure 35
EMIRR IN+ vs Frequency
Figure 36
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA170 OPA2170 OPA4170


Similar Part No. - OPA2170AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2170AIDR TI1-OPA2170AIDR Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA2170AIDR TI1-OPA2170AIDR Datasheet
3Mb / 56P
[Old version datasheet]   36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
More results

Similar Description - OPA2170AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA171 TI1-OPA171_11 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
JUNE2011
OPA171 TI1-OPA171 Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171 TI1-OPA171_12 Datasheet
1Mb / 33P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA170 TI-OPA170_15 Datasheet
2Mb / 34P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS Value Line Series
OPA171 TI1-OPA171_15 Datasheet
1Mb / 43P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA2171-EP TI1-OPA2171-EP Datasheet
1Mb / 28P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI1-OPA170_18 Datasheet
3Mb / 56P
[Old version datasheet]   36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
   Low Power, Single Supply Operational Amplifiers
1996 REV 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com