Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2170AIDGK Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2170AIDGK
Description  36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2170AIDGK Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2170AIDGK Datasheet HTML 6Page - Texas Instruments OPA2170AIDGK Datasheet HTML 7Page - Texas Instruments OPA2170AIDGK Datasheet HTML 8Page - Texas Instruments OPA2170AIDGK Datasheet HTML 9Page - Texas Instruments OPA2170AIDGK Datasheet HTML 10Page - Texas Instruments OPA2170AIDGK Datasheet HTML 11Page - Texas Instruments OPA2170AIDGK Datasheet HTML 12Page - Texas Instruments OPA2170AIDGK Datasheet HTML 13Page - Texas Instruments OPA2170AIDGK Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
−20
−10
0
10
20
30
40
50
1k
10k
100k
1M
10M
100M
Frequency (Hz)
G = −1
G = 1
G = 10
G020
140
120
100
80
60
40
20
0
20
40
-
-
0.1
10
100
1k
10k
10M
Frequency(Hz)
1M
100k
Phase
Gain
1
135
90
45
0
45
90
135
180
225
270
-
-
-
-
-
-
3
2.5
2
1.5
1
0.5
0
-75
-50
-25
0
25
150
Temperature( C)
°
50
125
100
75
V =2.7V
S
V =4V
S
V =36V
S
10k
1k
100
10
1
1m
1
10
100
1k
10k
10M
Frequency(Hz)
100k
1M
W
W
W
W
+18V
-
18V
R
OUT
C
L
OPA170
R
L
G=+1
W
W
W
W
OPA170
R =
I
10k
W
R
OUT
C
L
R
F
=10k
W
+18V
-
18V
G=
1
-
OPA170
OPA2170
OPA4170
SBOS557A
– AUGUST 2011 – REVISED SEPTEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
VS = ±18V, VCM = VS/2, RLOAD = 10kΩ connected to VS/2, and CL = 100pF, unless otherwise noted.
OPEN-LOOP GAIN AND PHASE vs FREQUENCY
CLOSED-LOOP GAIN vs FREQUENCY
Figure 19.
Figure 20.
OPEN-LOOP GAIN vs TEMPERATURE
OPEN-LOOP OUTPUT IMPEDANCE vs FREQUENCY
Figure 21.
Figure 22.
SMALL-SIGNAL OVERSHOOT vs CAPACITIVE LOAD
SMALL-SIGNAL OVERSHOOT vs CAPACITIVE LOAD
(100mV Output Step)
(100mV Output Step)
Figure 23.
Figure 24.
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA170 OPA2170 OPA4170


Similar Part No. - OPA2170AIDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2170AIDGK TI1-OPA2170AIDGK Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA2170AIDGK TI1-OPA2170AIDGK Datasheet
3Mb / 56P
[Old version datasheet]   36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
OPA2170AIDGKR TI1-OPA2170AIDGKR Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA2170AIDGKR TI1-OPA2170AIDGKR Datasheet
3Mb / 56P
[Old version datasheet]   36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
More results

Similar Description - OPA2170AIDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA171 TI1-OPA171_11 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
JUNE2011
OPA171 TI1-OPA171 Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171 TI1-OPA171_12 Datasheet
1Mb / 33P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA170 TI-OPA170_15 Datasheet
2Mb / 34P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS Value Line Series
OPA171 TI1-OPA171_15 Datasheet
1Mb / 43P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA2171-EP TI1-OPA2171-EP Datasheet
1Mb / 28P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI1-OPA170_18 Datasheet
3Mb / 56P
[Old version datasheet]   36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
   Low Power, Single Supply Operational Amplifiers
1996 REV 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com