Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2314AIDGK Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2314AIDGK
Description  3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2314AIDGK Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA2314AIDGK Datasheet HTML 3Page - Texas Instruments OPA2314AIDGK Datasheet HTML 4Page - Texas Instruments OPA2314AIDGK Datasheet HTML 5Page - Texas Instruments OPA2314AIDGK Datasheet HTML 6Page - Texas Instruments OPA2314AIDGK Datasheet HTML 7Page - Texas Instruments OPA2314AIDGK Datasheet HTML 8Page - Texas Instruments OPA2314AIDGK Datasheet HTML 9Page - Texas Instruments OPA2314AIDGK Datasheet HTML 10Page - Texas Instruments OPA2314AIDGK Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
OPA314
OPA2314
OPA4314
www.ti.com
SBOS563B
– MAY 2011 – REVISED DECEMBER 2011
TYPICAL CHARACTERISTICS
Table 1. Characteristic Performance Measurements
GRAPH/DESCRIPTION
FIGURE NO
Open-Loop Gain/Phase vs Frequency
Figure 1
Open-Loop Gain vs Temperature
Figure 2
Quiescent Current vs Supply Voltage
Figure 3
Quiescent Current vs Temperature
Figure 4
Offset Voltage Production Distribution
Figure 5
Offset Voltage Drift Distribution
Figure 6
Offset Voltage vs Common-Mode Voltage (Max Supply)
Figure 7
Offset Voltage vs Temperature
Figure 8
CMRR and PSRR vs Frequency (RTI)
Figure 9
CMRR and PSRR vs Temperature
Figure 10
0.1-Hz to 10-Hz Input Voltage Noise (5.5 V)
Figure 11
Input Voltage Noise Spectral Density vs Frequency (1.8 V, 5.5 V)
Figure 12
Input Voltage Noise vs Common Mode Voltage (5.5 V)
Figure 13
Input Bias and Offset Current vs Temperature
Figure 14
Open-Loop Output Impedance vs Frequency
Figure 15
Maximum Output Voltage vs Frequency and Supply Voltage
Figure 16
Output Voltage Swing vs Output Current (over Temp)
Figure 17
Closed-Loop Gain vs Frequency, G = 1,
–1, 10 (1.8 V)
Figure 18
Closed-Loop Gain vs Frequency, G = 1,
–1, 10 (5.5 V)
Figure 19
Small-Signal Overshoot vs Load Capacitance
Figure 20
Small-Signal Step Response, Noninverting (1.8 V)
Figure 21
Small-Signal Step Response, Noninverting ( 5.5 V)
Figure 22
Large-Signal Step Response, Noninverting (1.8 V)
Figure 23
Large-Signal Step Response, Noninverting ( 5.5 V)
Figure 24
Positive Overload Recovery
Figure 25
Negative Overload Recovery
Figure 26
No Phase Reversal
Figure 27
Channel Separation vs Frequency (Dual)
Figure 28
THD+N vs Amplitude (G = +1, 2k
Ω, 10kΩ)
Figure 29
THD+N vs Amplitude (G =
–1, 2kΩ, 10kΩ)
Figure 30
THD+N vs Frequency (0.5 VRMS, G = +1, 2kΩ, 10kΩ)
Figure 31
EMIRR
Figure 32
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA314 OPA2314 OPA4314


Similar Part No. - OPA2314AIDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2314AIDGK TI-OPA2314AIDGK Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314AIDGK TI1-OPA2314AIDGK Datasheet
1Mb / 45P
[Old version datasheet]   Operational Amplifier
OPA2314AIDGKR TI-OPA2314AIDGKR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314AIDGKR TI1-OPA2314AIDGKR Datasheet
1Mb / 45P
[Old version datasheet]   Operational Amplifier
More results

Similar Description - OPA2314AIDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2314-EP TI-OPA2314-EP Datasheet
1Mb / 23P
[Old version datasheet]   3-MHz, LOW-POWER, LOW-NOISE, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
OPA322-Q1 TI1-OPA322-Q1_17 Datasheet
1Mb / 39P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier
OPA322_1111 TI1-OPA322_1111 Datasheet
1Mb / 34P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA2322A-Q1 TI1-OPA2322A-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
OPA322 TI1-OPA322 Datasheet
1Mb / 29P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
JUNE2012
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI-OPA314_15 Datasheet
1Mb / 45P
[Old version datasheet]   OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com