Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV201YFMT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV201YFMT
Description  VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV201YFMT Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV201YFMT Datasheet HTML 2Page - Texas Instruments DRV201YFMT Datasheet HTML 3Page - Texas Instruments DRV201YFMT Datasheet HTML 4Page - Texas Instruments DRV201YFMT Datasheet HTML 5Page - Texas Instruments DRV201YFMT Datasheet HTML 6Page - Texas Instruments DRV201YFMT Datasheet HTML 7Page - Texas Instruments DRV201YFMT Datasheet HTML 8Page - Texas Instruments DRV201YFMT Datasheet HTML 9Page - Texas Instruments DRV201YFMT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
DRV201
SLVSB25
– AUGUST 2011
www.ti.com
MODES OF OPERATION
SHUTDOWN
If the driver detects SCL has a DC level below 0.63 V for duration of at least 0.5 ms, the
driver will enter shutdown mode. This is the lowest power mode of operation. The driver will
remain in shutdown for as long as SCL pin remain low.
STANDBY
If SCL goes from low to high the driver enters STANDBY mode and sets the default register
values. In this mode registers can be written to through the I2C interface. Device will be in
STANDBY mode when VCM_CURRENT register is set to zero. From ACTIVE mode the
device will enter STANDBY if the SW_RST bit of the CONTROL register is set. In this case
all registers will be reset to default values.
STANDBY mode is entered from ACTIVE mode if any of the following faults occur: Over
temperature protection fault (OTPF), VCM short (VCMS), or VCM open (VCMO). When
STANDBY mode is entered due to a fault condition current register is cleared.
ACTIVE
The device is in ACTIVE mode whenever the VCM_CURRENT control is set to something
else than zero through the I2C interface. In ACTIVE mode VCM driver output stage is
enabled all the time resulting in higher power consumption. The device remains in active
mode until the SW_RST bit in the CONTROL register is set, SCL is pulled low for duration of
0.5 ms, VCM_CURRENT control is set to zero, or any of the following faults occur: Over
temperature protection fault (OTPF), VCM short (VCMS), or VCM open (VCMO). If active
mode is entered after fault the status register is automatically cleared.
6
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - DRV201YFMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV201YFMT TI1-DRV201YFMT Datasheet
972Kb / 29P
[Old version datasheet]   DRV201 Voice Coil Motor Driver for Camera Auto Focus
More results

Similar Description - DRV201YFMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV201A TI-DRV201A Datasheet
881Kb / 25P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
DRV201 TI1-DRV201_15 Datasheet
972Kb / 29P
[Old version datasheet]   DRV201 Voice Coil Motor Driver for Camera Auto Focus
logo
Princeton Technology Co...
PT5662 PTC-PT5662 Datasheet
223Kb / 5P
   Auto Focus Motor Driver IC
PT5100 PTC-PT5100 Datasheet
137Kb / 4P
   Auto Focus Motor Driver IC
logo
Hitachi Semiconductor
HA13470 HITACHI-HA13470 Datasheet
129Kb / 6P
   VOICE COIL MOTOR DRIVER
logo
Rohm
BA6832FS ROHM-BA6832FS Datasheet
106Kb / 8P
   Voice coil motor driver
logo
Allegro MicroSystems
8958 ALLEGRO-8958 Datasheet
113Kb / 8P
   VOICE COIL MOTOR DRIVER
logo
STMicroelectronics
L6242 STMICROELECTRONICS-L6242 Datasheet
94Kb / 5P
   VOICE COIL MOTOR DRIVER
logo
Allegro MicroSystems
8936 ALLEGRO-8936 Datasheet
102Kb / 10P
   VOICE COIL MOTOR DRIVER
8932-A ALLEGRO-8932-A Datasheet
164Kb / 8P
   VOICE-COIL MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com