Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

T-13554 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-13554
Description  ISDN S-Interface Dual Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

T-13554 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane,
Huntington Beach, CA 92649-1595
Phone: (714) 898-0960
FAX: (714) 896-0971
www.rhombus-ind.com
Turns Ratio Pins 1-4:16-13 & 5-8:12-9
1:2.5 & 1:2.5
T-13554
3/24/94
1 OF 1
PARAMETER
MIN.
MAX.
UNITS
Open Circuit Inductance
22
mHy
1-4 (1)
5-8 (2)
Leakage Inductance
1-4 (1) Short 16-13 (3)
15-40
µHy
5-8 (2) Short 12-9 (4)
15-40
µHy
Interwinding Capacitance (C
W/W)
1-4 (1) & 16-13 (3)
100
pF
5-8 (2) & 12-9 (4)
100
pF
Distributed Parallel Capacitance
1-4 (1)
110
pF
5-8 (2)
110
pF
Primary DC Resistance: 1-4 (1) ; 5-8 (2)
2.12
2.87
ohms
Secondary DC Resistance:16-13 (3);12-9 (4)
4.93
6.67
ohms
Isolation (HI-POT)
4000
V
RMS
9
6
5
10
8
7
11
12
13
2
1
14
4
3
PRI
SEC
15
16
SCHEMATIC DIAGRAM
ISDN S-Interface Dual Transformer
Reinforced Insulation Per EN 41003/EN 60950
Oscillation Voltage = 700mV
Oscillation Frequency = 10.0 KHz
1. Connect Pins 2 & 3
2. Connect Pins 6 & 7
3. Connect Pins 14 & 15
4. Connect Pins 10 & 11
MEETS THE PULSE WAVEFORM TEMPLATE OF CCITT I.430.
OPrimary is Line Side
OUnbalanced current at TE: ∆ Idc = 1 mAmax.
OLongitudinal Conversion Loss - 10KHz
to 300 KHz: 60dB min.
Flammability: Materials used in the
production of these units are UL94-VO
and meet requirements of IEC 695-2-2
needle flame test.
Parts shipped in anti-static
tubes. 18 pieces per tube
Package Dimensions in Inches (mm)


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn