![]() |
Electronic Components Datasheet Search |
|
033-4740-001 Datasheet(PDF) 2 Page - Magnetrol International, Inc. |
|
033-4740-001 Datasheet(HTML) 2 Page - Magnetrol International, Inc. |
2 / 4 page ![]() P R I N C I P L E O F O P E R A T I O N Figures 1 and 2 illustrate the simple Magnetrol operating principle. Switching action is obtained through the use of a magnet which is attached to a float and a switching mechanism. These two basic component assemblies are separated by a non-magnetic, pressure tight barrier Float Tuffy body (Non-magnetic) Magnet Pivot Falling level Port B Port A Port C Pivot arm Magnet pivot Spring Valve plunger Valve body Float Pivot Rising level Tuffy body (Non-magnetic) Port B Port A Port C Spring Valve plunger Valve body Magnets Pivot arm Magnet pivot Figure 1 Low Level Figure 2 High Level 2 D I M E N S I O N A L S P E C I F I C A T I O N S P N E U M A T I C S W I T C H M O D E L S Optional accessories Cage (2) 1" NPT 2" NPT 1.31 (33) 1.31 (33) 6.40 (163) 11.25 ± .12 (286 ± 3) 4.50 (114) Dia. 3.50 (89) 3.50 (89) 0.56 (14) Dia. Holes [4] on 3.62 (92) B.C. 2" NPT Square Flange Flange Part No. 04-6804-001 Flange Rating: 250 psig @ +400° F (17 bar @ +204° C) 2" NPT ASME Flange (Consult factory when ordering) 2" NPT 2.50 (64) Dia. C L 7.96 (202) [Sp. Gr. 0.6 Min] Float Size = 2.00 (51) Dia. x 4.57 (116) Long 8.91 (226) [Sp. Gr. 0.4 Min.] Float Size = 2.00 (51) Dia. x 5.12 (130) Long 12.00 (304) or 12.94 (329) Port A 1/4" NPT Port C 1/4" NPT Port B 1/4" NPT 3.75 (95) Float Minimum Clearance Switch Actuates Rising Level Falling Level Switch Actuates 3.00 (76) Max. Nozzle Length .75 (19) 3-way 2-way Port N.O. N.C. Diverter Selector N.O. N.C. A Inlet Exhaust Outlet Inlet Inlet Plug B Exhaust Inlet Outlet Inlet Plug Inlet C Outlet Outlet Inlet Outlet Outlet Outlet Note: Orientation of ports may vary from unit to unit. |
Similar Part No. - 033-4740-001 |
|
Similar Description - 033-4740-001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |