Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

033-4740-001 Datasheet(PDF) 1 Page - Magnetrol International, Inc.

Part No. 033-4740-001
Description  Tuffy Liquid Level Controls with Pneumatic Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

033-4740-001 Datasheet(HTML) 1 Page - Magnetrol International, Inc.

  033-4740-001 Datasheet HTML 1Page - Magnetrol International, Inc. 033-4740-001 Datasheet HTML 2Page - Magnetrol International, Inc. 033-4740-001 Datasheet HTML 3Page - Magnetrol International, Inc. 033-4740-001 Datasheet HTML 4Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tuffy Liquid Level
Controls with
Pneumatic Switch
D E S C R I P T I O N
The Pneumatic Tuffy Liquid Level Switch is designed for
horizontal mounting in a tank or vessel through threaded
or flanged pipe connections. The single pneumatic switch
mechanism is used for high or low level alarm or control
applications.
F E A T U R E S
• All 316 SS wetted components
• Cage pressures to 2200 psig (151 bar)
• NACE and/or ASME B31.3 construction
• Specific gravity as low as 0.40
• 2" NPT mounting
• Process temperatures
from -40° to +300° F (-40° to +149° C)
T Y P I C A L
I N S T A L L A T I O N
O P T I O N S
• Commercially constructed external cage with two
1" NPT top and bottom connections
• ANSI flanges
• NACE or ASME B31.3 external cage with two 1" NPT
top and bottom connections available.
Consult factory
A P P L I C A T I O N S
• Sour service (NACE)
• High/low alarm
• Day storage tanks
• Clean liquids
• Process vessels
CL
CL
Pressure
Vessel
CL
Shut–off
Valve
Safety
Check
Valve
1/4" NPT
Air Line
Connections
Shut–off
Valve
Drain Valve
Switch
Actuation
Level


Similar Part No. - 033-4740-001

ManufacturerPart No.DatasheetDescription
Schurter Inc.
Schurter Inc.
033.4214 SCHURTER-033.4214 Datasheet
171Kb / 3P
   VOLTAGE SELECTOR SWITCHES / SPANNUNGSWAHLER
Molex Electronics Ltd.
Molex Electronics Ltd.
0330000001 MOLEX4-0330000001 Datasheet
624Kb / 6P
   MX150??Male Terminal, Tin (Sn) Plating, 14 AWG, Right Reel Payoff, Contact MaterialThickness 0.30mm (.012")
0330000001 MOLEX1-0330000001 Datasheet
31Kb / 2P
   MX150 Male Terminal, Tin Plating, 14 AWG, Right Reel Payoff
0330000001 MOLEX1-0330000001_18 Datasheet
31Kb / 2P
   MX150 Male Terminal, Tin Plating, 14 AWG, Right Reel Payoff
0330000002 MOLEX4-0330000002 Datasheet
624Kb / 6P
   MX150??Male Terminal, Tin (Sn) Plating, 16-20 AWG, Right Reel Payoff, ContactMaterial Thickness 0.30mm (.012")
More results

Similar Description - 033-4740-001

ManufacturerPart No.DatasheetDescription
Magnetrol International, Inc.
Magnetrol International...
039-6000-100 MAGNETROL-039-6000-100 Datasheet
161Kb / 8P
   Tuffy짰 Liquid Level Controls with Pneumatic Switch
T31-002N-10A MAGNETROL-T31-002N-10A Datasheet
542Kb / 28P
   Tuffy짰 II Liquid Level Controls with Electric Switches
T3B MAGNETROL-T3B Datasheet
308Kb / 12P
   Tuffy II짰 Liquid Level Controls with Electric Switches
T52-1E3N-KOG MAGNETROL-T52-1E3N-KOG Datasheet
283Kb / 24P
   Side Mounting Liquid Level Controls
B40-1F30-R1M MAGNETROL-B40-1F30-R1M Datasheet
293Kb / 8P
   B40 Liquid Level Switch
List of Unclassifed Manufacturers
List of Unclassifed Man...
LS-541 ETC2-LS-541 Datasheet
93Kb / 2P
   Liquid level float switch
Magnetrol International, Inc.
Magnetrol International...
TK1-001N-BRC MAGNETROL-TK1-001N-BRC Datasheet
233Kb / 12P
   Side Mounted Liquid Level Float Switch
B75-1B20-KOG MAGNETROL-B75-1B20-KOG Datasheet
215Kb / 8P
   Non-Bleed Switch For Liquid Level Switches
B40-1F30-FKB MAGNETROL-B40-1F30-FKB Datasheet
457Kb / 20P
   Liquid Level Switches
T20-1B2A-9DR MAGNETROL-T20-1B2A-9DR Datasheet
316Kb / 24P
   Liquid Level Switches
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz