Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

033-4740-001 Datasheet(PDF) 4 Page - Magnetrol International, Inc.

Part No. 033-4740-001
Description  Tuffy Liquid Level Controls with Pneumatic Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

033-4740-001 Datasheet(HTML) 4 Page - Magnetrol International, Inc.

  033-4740-001 Datasheet HTML 1Page - Magnetrol International, Inc. 033-4740-001 Datasheet HTML 2Page - Magnetrol International, Inc. 033-4740-001 Datasheet HTML 3Page - Magnetrol International, Inc. 033-4740-001 Datasheet HTML 4Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D E S C R I P T I O N
D E S C R I P T I O N
The quality assurance system in place at
Magnetrol guarantees the highest level of
quality throughout the company. Magnetrol
is committed to providing full customer
satisfaction both in quality products and
quality service.
The Magnetrol quality assurance system
is registered to ISO 9001 affirming its
commitment to known international
quality standards providing the strongest
assurance of product/service quality
available.
All Magnetrol electronic level and flow
controls are warranted free of defects in
materials or workmanship for five full years
from the date of original factory shipment.
If returned within the warranty period;
and, upon factory inspection of the con-
trol, the cause of the claim is determined
to be covered under the warranty; then,
Magnetrol will repair or replace the control
at no cost to the purchaser (or owner)
other than transportation.
Magnetrol shall not be liable for misapplica-
tion, labor claims, direct or consequential
damage or expense arising from the instal-
lation or use of equipment. There are no
other warranties expressed or implied,
except special written warranties covering
some Magnetrol products.
BULLETIN: 44-109.3
EFFECTIVE: May 2007
SUPERSEDES: June 2003
5300 Belmont Road • Downers Grove, Illinois 60515-4499 • 630-969-4000 • Fax 630-969-9489 • www.magnetrol.com
145 Jardin Drive, Units 1 & 2 • Concord, Ontario Canada L4K 1X7 • 905-738-9600 • Fax 905-738-1306
Heikensstraat 6 • B 9240 Zele, Belgium • 052 45.11.11 • Fax 052 45.09.93
Regent Business Ctr., Jubilee Rd. • Burgess Hill, Sussex RH15 9TL U.K. • 01444-871313 • Fax 01444-871317
Copyright © 2011 Magnetrol International, Incorporated. All rights reserved. Printed in the USA.
Performance specifications are effective with date of issue and are subject to change without notice.
Magnetrol & Magnetrol logotype are registered trademarks of Magnetrol International.


Similar Part No. - 033-4740-001

ManufacturerPart No.DatasheetDescription
Schurter Inc.
Schurter Inc.
033.4214 SCHURTER-033.4214 Datasheet
171Kb / 3P
   VOLTAGE SELECTOR SWITCHES / SPANNUNGSWAHLER
Molex Electronics Ltd.
Molex Electronics Ltd.
0330000001 MOLEX4-0330000001 Datasheet
624Kb / 6P
   MX150??Male Terminal, Tin (Sn) Plating, 14 AWG, Right Reel Payoff, Contact MaterialThickness 0.30mm (.012")
0330000001 MOLEX1-0330000001 Datasheet
31Kb / 2P
   MX150 Male Terminal, Tin Plating, 14 AWG, Right Reel Payoff
0330000001 MOLEX1-0330000001_18 Datasheet
31Kb / 2P
   MX150 Male Terminal, Tin Plating, 14 AWG, Right Reel Payoff
0330000002 MOLEX4-0330000002 Datasheet
624Kb / 6P
   MX150??Male Terminal, Tin (Sn) Plating, 16-20 AWG, Right Reel Payoff, ContactMaterial Thickness 0.30mm (.012")
More results

Similar Description - 033-4740-001

ManufacturerPart No.DatasheetDescription
Magnetrol International, Inc.
Magnetrol International...
039-6000-100 MAGNETROL-039-6000-100 Datasheet
161Kb / 8P
   Tuffy짰 Liquid Level Controls with Pneumatic Switch
T31-002N-10A MAGNETROL-T31-002N-10A Datasheet
542Kb / 28P
   Tuffy짰 II Liquid Level Controls with Electric Switches
T3B MAGNETROL-T3B Datasheet
308Kb / 12P
   Tuffy II짰 Liquid Level Controls with Electric Switches
T52-1E3N-KOG MAGNETROL-T52-1E3N-KOG Datasheet
283Kb / 24P
   Side Mounting Liquid Level Controls
B40-1F30-R1M MAGNETROL-B40-1F30-R1M Datasheet
293Kb / 8P
   B40 Liquid Level Switch
List of Unclassifed Manufacturers
List of Unclassifed Man...
LS-541 ETC2-LS-541 Datasheet
93Kb / 2P
   Liquid level float switch
Magnetrol International, Inc.
Magnetrol International...
TK1-001N-BRC MAGNETROL-TK1-001N-BRC Datasheet
233Kb / 12P
   Side Mounted Liquid Level Float Switch
B75-1B20-KOG MAGNETROL-B75-1B20-KOG Datasheet
215Kb / 8P
   Non-Bleed Switch For Liquid Level Switches
B40-1F30-FKB MAGNETROL-B40-1F30-FKB Datasheet
457Kb / 20P
   Liquid Level Switches
T20-1B2A-9DR MAGNETROL-T20-1B2A-9DR Datasheet
316Kb / 24P
   Liquid Level Switches
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz