Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

033-4740-001 Datasheet(PDF) 3 Page - Magnetrol International, Inc.

Part No. 033-4740-001
Description  Tuffy Liquid Level Controls with Pneumatic Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

033-4740-001 Datasheet(HTML) 3 Page - Magnetrol International, Inc.

  033-4740-001 Datasheet HTML 1Page - Magnetrol International, Inc. 033-4740-001 Datasheet HTML 2Page - Magnetrol International, Inc. 033-4740-001 Datasheet HTML 3Page - Magnetrol International, Inc. 033-4740-001 Datasheet HTML 4Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Pressure:
0.6 SG 1500 psig at +300° F (103 bar at +149° C)
0.4 SG 500 psig at +300° F (34 bar at +149° C)
Process Temperature:
-40° to +300° F (-40° to 149° C)
Ambient Temperature:
Max. 100° F (38° C) with maximum process temperature
Pneumatic Switch Supply Pressure:
Vacuum to 200 psig (13.8 bar) maximum
Maximum Leakage Rate:
0.5 SCFH (0.015 SCMH @ 100 psig (6.9 bar))
Maximum Air Flow:
12.0 SCFH (0.34 SCMH @ 100 psig (6.9 bar))
Specific Gravity:
0.6 minimum or 0.4 minimum
Materials of Construction:
316/316L SS wetted components including NACE and ASME B31.3
Housing:
316 stainless steel
Cage (optional)
Carbon steel or stainless steel *
Cage Rating
Schedule 80
2200 psig at +300° F (151 bar at +149° C)
Schedule 40
1200 psig at +300° F (83 bar at +149° C)
* NACE or ASME B31.3 external cage available. Consult factory.
M E C H A N I C A L
S P E C I F I C A T I O N S
3
03
9
60
0
0
10
BASIC MODEL NUMBER
M O D E L
N U M B E R
0 3 9
Tuffy Float Switch
SWITCH ACTION
6
Pneumatic
HOUSING
0
316 Stainless steel with
14" NPT airline connections
SPECIFIC GRAVITY AND PRESSURE RATINGS
0
0.60 minimum S.G., 1500 psi maximum pressure
4
0.40 minimum S.G., 500 psi maximum pressure
C H A M B E R
P A R T
N U M B E R
03
3
47
4
00
0
2200 psig @ +300° F, 1400 psig @ 750° F
1
1200 psig @ +300° F, 780 psig @ 750° F
PRESSURE RATING
1
Carbon Steel
2
316 Stainless Steel
MATERIALS OF CONSTRUCTION


Similar Part No. - 033-4740-001

ManufacturerPart No.DatasheetDescription
Schurter Inc.
Schurter Inc.
033.4214 SCHURTER-033.4214 Datasheet
171Kb / 3P
   VOLTAGE SELECTOR SWITCHES / SPANNUNGSWAHLER
Molex Electronics Ltd.
Molex Electronics Ltd.
0330000001 MOLEX4-0330000001 Datasheet
624Kb / 6P
   MX150??Male Terminal, Tin (Sn) Plating, 14 AWG, Right Reel Payoff, Contact MaterialThickness 0.30mm (.012")
0330000001 MOLEX1-0330000001 Datasheet
31Kb / 2P
   MX150 Male Terminal, Tin Plating, 14 AWG, Right Reel Payoff
0330000001 MOLEX1-0330000001_18 Datasheet
31Kb / 2P
   MX150 Male Terminal, Tin Plating, 14 AWG, Right Reel Payoff
0330000002 MOLEX4-0330000002 Datasheet
624Kb / 6P
   MX150??Male Terminal, Tin (Sn) Plating, 16-20 AWG, Right Reel Payoff, ContactMaterial Thickness 0.30mm (.012")
More results

Similar Description - 033-4740-001

ManufacturerPart No.DatasheetDescription
Magnetrol International, Inc.
Magnetrol International...
039-6000-100 MAGNETROL-039-6000-100 Datasheet
161Kb / 8P
   Tuffy짰 Liquid Level Controls with Pneumatic Switch
T31-002N-10A MAGNETROL-T31-002N-10A Datasheet
542Kb / 28P
   Tuffy짰 II Liquid Level Controls with Electric Switches
T3B MAGNETROL-T3B Datasheet
308Kb / 12P
   Tuffy II짰 Liquid Level Controls with Electric Switches
T52-1E3N-KOG MAGNETROL-T52-1E3N-KOG Datasheet
283Kb / 24P
   Side Mounting Liquid Level Controls
B40-1F30-R1M MAGNETROL-B40-1F30-R1M Datasheet
293Kb / 8P
   B40 Liquid Level Switch
List of Unclassifed Manufacturers
List of Unclassifed Man...
LS-541 ETC2-LS-541 Datasheet
93Kb / 2P
   Liquid level float switch
Magnetrol International, Inc.
Magnetrol International...
TK1-001N-BRC MAGNETROL-TK1-001N-BRC Datasheet
233Kb / 12P
   Side Mounted Liquid Level Float Switch
B75-1B20-KOG MAGNETROL-B75-1B20-KOG Datasheet
215Kb / 8P
   Non-Bleed Switch For Liquid Level Switches
B40-1F30-FKB MAGNETROL-B40-1F30-FKB Datasheet
457Kb / 20P
   Liquid Level Switches
T20-1B2A-9DR MAGNETROL-T20-1B2A-9DR Datasheet
316Kb / 24P
   Liquid Level Switches
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz