Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

039-6000-100 Datasheet(PDF) 6 Page - Magnetrol International, Inc.

Part # 039-6000-100
Description  Tuffy짰 Liquid Level Controls with Pneumatic Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

039-6000-100 Datasheet(HTML) 6 Page - Magnetrol International, Inc.

  039-6000-100 Datasheet HTML 1Page - Magnetrol International, Inc. 039-6000-100 Datasheet HTML 2Page - Magnetrol International, Inc. 039-6000-100 Datasheet HTML 3Page - Magnetrol International, Inc. 039-6000-100 Datasheet HTML 4Page - Magnetrol International, Inc. 039-6000-100 Datasheet HTML 5Page - Magnetrol International, Inc. 039-6000-100 Datasheet HTML 6Page - Magnetrol International, Inc. 039-6000-100 Datasheet HTML 7Page - Magnetrol International, Inc. 039-6000-100 Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Tuffy Liquid Level Control with Pneumatic Switch
2.3
Preventive Maintenance
Periodic inspections are a necessary means to keep your
Magnetrol level control in good working order. This control
is a safety device to protect the valuable equipment it serves.
A systematic program of preventive maintenance should be
implemented when the control is placed into service. Based
on utilizing a preventative maintenance program and
observing the following section on “what to avoid”, your
Tuffy will provide reliable protection of your capital equip-
ment for many years.
WHAT TO AVOID
1. Use only the 2" wrench flats to install or remove the unit.
Refer to Figure 1. Use of any other surface could change the
calibration. The valve body is calibrated at the factory and
locked in place.
2. NEVER attempt to make adjustments without reading the
instructions carefully. When in doubt, consult the factory or
your local representative.
3. NEVER use in systems which have excess iron particles in
the solution. The magnet at the counterweight end of the
float can attract the particles which could cause the float rod
to jam.
2.4
Troubleshooting
If Tuffy fails to shut off or turn on inlet air:
1. Check float for full range of travel; clicking of mechanism
should be heard.
2. If the complete Tuffy mechanism operates properly when
removed from service, check to be certain that liquid is
entering the storage tank or vessel. A valve may be closed
or a pipe line clogged.
3. If the float is determined to be filled with liquid or is
collapsed, the entire level switch must be replaced. Do
not attempt to repair the float.
4. The factory calibration setting should not require any
adjustment in the field. Check to see that the unit is
installed properly with the serial number tag positioned
on the top of the unit. If the unit is still not operating
correctly, please contact the factory.
NOTE: When in doubt about the condition or performance of a
control, please contact the factory for assistance.


Similar Part No. - 039-6000-100

ManufacturerPart #DatasheetDescription
Magnetrol International, Inc.
Magnetrol International...
039-6000-100 MAGNETROL-039-6000-100 Datasheet
152Kb / 4P
   Tuffy Liquid Level Controls with Pneumatic Switch
More results

Similar Description - 039-6000-100

ManufacturerPart #DatasheetDescription
Magnetrol International, Inc.
Magnetrol International...
039-6000-104 MAGNETROL-039-6000-104 Datasheet
152Kb / 4P
   Tuffy Liquid Level Controls with Pneumatic Switch
T52-1E3N-KOG MAGNETROL-T52-1E3N-KOG Datasheet
283Kb / 24P
   Side Mounting Liquid Level Controls
T31-002N-10A MAGNETROL-T31-002N-10A Datasheet
542Kb / 28P
   Tuffy짰 II Liquid Level Controls with Electric Switches
T3B MAGNETROL-T3B Datasheet
308Kb / 12P
   Tuffy II짰 Liquid Level Controls with Electric Switches
B40-1F30-R1M MAGNETROL-B40-1F30-R1M Datasheet
293Kb / 8P
   B40 Liquid Level Switch
List of Unclassifed Manufacturers
List of Unclassifed Man...
LS-541 ETC2-LS-541 Datasheet
93Kb / 2P
   Liquid level float switch
Magnetrol International, Inc.
Magnetrol International...
TK1-001N-BRC MAGNETROL-TK1-001N-BRC Datasheet
233Kb / 12P
   Side Mounted Liquid Level Float Switch
B75-1B20-KOG MAGNETROL-B75-1B20-KOG Datasheet
215Kb / 8P
   Non-Bleed Switch For Liquid Level Switches
B40-1F30-FKB MAGNETROL-B40-1F30-FKB Datasheet
457Kb / 20P
   Liquid Level Switches
T20-1B2A-9DR MAGNETROL-T20-1B2A-9DR Datasheet
316Kb / 24P
   Liquid Level Switches
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com