Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8AA-1A1A-006 Datasheet(PDF) 9 Page - Magnetrol International, Inc.

Part # 8AA-1A1A-006
Description  Kotron짰 RF Sensing Probes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

8AA-1A1A-006 Datasheet(HTML) 9 Page - Magnetrol International, Inc.

Back Button 8AA-1A1A-006 Datasheet HTML 5Page - Magnetrol International, Inc. 8AA-1A1A-006 Datasheet HTML 6Page - Magnetrol International, Inc. 8AA-1A1A-006 Datasheet HTML 7Page - Magnetrol International, Inc. 8AA-1A1A-006 Datasheet HTML 8Page - Magnetrol International, Inc. 8AA-1A1A-006 Datasheet HTML 9Page - Magnetrol International, Inc. 8AA-1A1A-006 Datasheet HTML 10Page - Magnetrol International, Inc. 8AA-1A1A-006 Datasheet HTML 11Page - Magnetrol International, Inc. 8AA-1A1A-006 Datasheet HTML 12Page - Magnetrol International, Inc. 8AA-1A1A-006 Datasheet HTML 13Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
P R O B E
Q U I C K
S E L E C T I O N
G U I D E
The most popular Kotron probes, handling the majority of applications, are outlined below. Rigid probe lengths are
available in inches (second digit A) or centimeters (second digit C). Flexible probe lengths are available in feet (second
digit A) or meters (second digit C).
Selection charts for all Kotron probes are located on pages 10 through 18.
Insulated rigid
34" NPT, carbon steel rod, Teflon® insulation and seal
8AA-1A1A-XXX
8CA-1A1A-XXX
Bare rigid
34" NPT, 316 stainless steel rod, Teflon® seal
8AB-AA1A-XXX
8CB-AA1A-XXX
Bare high temperature rigid
34" NPT, 316 stainless steel rod, ceramic seal
8AC-AA1A-XXX
8CC-AA1A-XXX
Stillwell
1" NPT, carbon steel rod, 316 stainless steel stillwell,
8AA-1A2B-XXX
Teflon® insulation and seal
8CA-1A2B-XXX
Reference wire rigid
34" NPT, carbon steel rod, Teflon® insulation and seal
8AA-1A1E-XXX
8CA-1A1E-XXX
Bare flexible
34" NPT, 316 stainless steel cable, ceramic seal
8A2-AA1A-XXX
8C2-AA1A-XXX
Insulated flexible
34" NPT, 316 stainless steel cable, Halar® insulation and seal
8A1-5A1A-XXX
8C1-5A1A-XXX
P R E S S U R E
T E M P E R A T U R E
C U R V E
-100
0
100
6000
5000
4000
3000
2000
1000
0
200
300
400
500
600
700
800
900
1000
Temperature ° F
Teflon
Halar
Kynar
HTHP
Guarded
Insulated
Flexible


Similar Description - 8AA-1A1A-006

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
FPPSPP GREYSTONE-FPPSPP Datasheet
142Kb / 1P
   FLOW SENSING PROBES
logo
Magnetrol International...
80-5212-302 MAGNETROL-80-5212-302 Datasheet
126Kb / 4P
   Kotron짰 RF Point Level Switches
811-1005-E01 MAGNETROL-811-1005-E01 Datasheet
769Kb / 28P
   Kotron짰 Model 811 RF Point Level Sensor
080-8032-302 MAGNETROL-080-8032-302 Datasheet
82Kb / 4P
   Kotron짰 Tip Sensitive RF Level Sensor
810-0005-D01 MAGNETROL-810-0005-D01 Datasheet
257Kb / 16P
   Kotron짰 Model 810 RF Point Level Sensor
811-1005-E00 MAGNETROL-811-1005-E00 Datasheet
201Kb / 8P
   Kotron짰 Model 811 RF Point Level Switch
805-501A-110 MAGNETROL-805-501A-110 Datasheet
196Kb / 4P
   Kotron짰 Model 805 Smart RF Level Transmitter
082-803-400 MAGNETROL-082-803-400 Datasheet
121Kb / 6P
   Kotron짰 Model 82 CE RF Level Transmitter
804-R010-230 MAGNETROL-804-R010-230 Datasheet
162Kb / 8P
   Kotron짰 Sentinel Model 804 RF Level Transmitter
810-0105-D01 MAGNETROL-810-0105-D01 Datasheet
135Kb / 4P
   Kotron짰 Model 810 RF Point Level Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com