Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-45593-001 Datasheet(PDF) 11 Page - Molex Electronics Ltd.

Part # SD-45593-001
Description  0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR PCB TERMINATION
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

SD-45593-001 Datasheet(HTML) 11 Page - Molex Electronics Ltd.

Back Button SD-45593-001 Datasheet HTML 7Page - Molex Electronics Ltd. SD-45593-001 Datasheet HTML 8Page - Molex Electronics Ltd. SD-45593-001 Datasheet HTML 9Page - Molex Electronics Ltd. SD-45593-001 Datasheet HTML 10Page - Molex Electronics Ltd. SD-45593-001 Datasheet HTML 11Page - Molex Electronics Ltd. SD-45593-001 Datasheet HTML 12Page - Molex Electronics Ltd. SD-45593-001 Datasheet HTML 13Page - Molex Electronics Ltd. SD-45593-001 Datasheet HTML 14Page - Molex Electronics Ltd. SD-45593-001 Datasheet HTML 15Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
HANDYLINK™
APPLICATION SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2006-2962
A1
DATE:
2006/08/07
TITLE:
APPLICATION SPECIFICATION
HANDYLINK™I/O CONNECTOR SYSTEM
11 of 26
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-45593-001
Marc Simmel
Marc Simmel
Joe Comerci
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
6.2
Ingress Protection
Ingress protection, as described by IEC 60529, is a function of the customer’s enclosure. The HandyLink™ Receptacle Connector has
been designed to facilitate enclosure design when ingress protection is required. The interfaces between the metal and plastic
components of the connector are sealed to discourage intrusion of dust and liquid through the connector into the enclosure. The
customer is expected to design an appropriate seal around the periphery of the connector to adequately seal the finished enclosure.
Contact Molex for additional information.
Gaskets may be applied to the top and sides, or
front surfaces.
The bottom surface, once soldered, forms a continuous seal with the PCB
Figure 4. Sealing to achieve ingress protection with the receptacle connector


Similar Part No. - SD-45593-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-45560-001 MOLEX-SD-45560-001 Datasheet
1Mb / 27P
   0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
SD-45560-002 MOLEX-SD-45560-002 Datasheet
1Mb / 27P
   0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
More results

Similar Description - SD-45593-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0453391604 MOLEX11-0453391604 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391603 MOLEX11-0453391603 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391602 MOLEX11-0453391602 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391600 MOLEX11-0453391600 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391601 MOLEX11-0453391601 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391605 MOLEX11-0453391605 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0461325002 MOLEX6-0461325002 Datasheet
150Kb / 3P
   0.80mm (.031") Pitch HandyLink??Plug for PCB Termination, 10 Circuit with PCB Through Hold Options
0461325000 MOLEX6-0461325000 Datasheet
150Kb / 3P
   0.80mm (.031") Pitch HandyLink Plug for PCB Termination, 16 Circuit with PCB Through Hold Options
0461325001 MOLEX6-0461325001 Datasheet
150Kb / 3P
   0.80mm (.031") Pitch HandyLink??Plug for PCB Termination, 11 Circuit with PCB Through Hold Options
0461326000 MOLEX6-0461326000 Datasheet
141Kb / 3P
   0.80mm (.031") Pitch HandyLink Hilgh Load Plug for PCB Termination, 3 Circuit without Latches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com