Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCP2008-0962 Datasheet(PDF) 8 Page - Molex Electronics Ltd.

Part # UCP2008-0962
Description  0.8MM HANDYLINK SMT RECEPTACLE 16 CIRCUIT
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

UCP2008-0962 Datasheet(HTML) 8 Page - Molex Electronics Ltd.

Back Button UCP2008-0962 Datasheet HTML 4Page - Molex Electronics Ltd. UCP2008-0962 Datasheet HTML 5Page - Molex Electronics Ltd. UCP2008-0962 Datasheet HTML 6Page - Molex Electronics Ltd. UCP2008-0962 Datasheet HTML 7Page - Molex Electronics Ltd. UCP2008-0962 Datasheet HTML 8Page - Molex Electronics Ltd. UCP2008-0962 Datasheet HTML 9Page - Molex Electronics Ltd. UCP2008-0962 Datasheet HTML 10Page - Molex Electronics Ltd. UCP2008-0962 Datasheet HTML 11Page - Molex Electronics Ltd. UCP2008-0962 Datasheet HTML 12Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
HANDYLINK™
APPLICATION SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2008-0962
B
DATE:
2007/10/30
TITLE:
APPLICATION SPECIFICATION
HANDYLINK™I/O CONNECTOR SYSTEM
8 of 27
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-44828-001
M. Simmel / D. Morgan
B. Barker
S. Miller
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
4.3
Clearances Between Mated Parts
The HandyLink connectors are designed such that the corresponding ‘front’ faces fully engage and then spring back 0.20mm to the
final mated condition. This ‘over-travel clearance’ assures that the components of the passive latching system engage. Please see
Section 6.4 Design Best Practices for further detailed information.
5.0 SOLDERING PROCESS RECOMMENDATIONS
5.1 44828 SMT Receptacle Connector
5.1.1
PCB Layout
See the applicable Sales Drawing for an illustration of the recommended PCB layout. Contact Molex if further assistance is required.
5.1.2
Solder Paste Stencil Layout
See Sales Drawing for solderable surfaces. Contact Molex if further assistance is required.
5.1.3
Reflow Profile
While the production solder reflow profile is typically established by the customer, based on their specific application, generic reflow
profiles can be found in Product Specification PS-44828-001. The profiles are provided for reference purposes only.
5.1.4
Inspection
Solder joints should be inspected using established conventional methods.
5.2 45560 SMT Cradle Connector
5.2.1
PCB Layout
See the applicable Sales Drawings for illustrations of the recommended PCB pad layouts. Contact Molex if further assistance is
required.
5.2.2
Solder Paste Stencil Layout
See Sales Drawing for recommended PCB pad layout and solder paste thickness.


Similar Part No. - UCP2008-0962

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
UCP2006-2962 MOLEX-UCP2006-2962 Datasheet
924Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR PCB TERMINATION
UCP2009-1982 MOLEX-UCP2009-1982 Datasheet
1Mb / 27P
   0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
UCP2009-1982 MOLEX-UCP2009-1982 Datasheet
1Mb / 27P
   0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
More results

Similar Description - UCP2008-0962

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
455600160 MOLEX-455600160 Datasheet
1Mb / 27P
   0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
455600161 MOLEX-455600161 Datasheet
1Mb / 27P
   0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
0453391604 MOLEX11-0453391604 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391603 MOLEX11-0453391603 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391602 MOLEX11-0453391602 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391600 MOLEX11-0453391600 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391601 MOLEX11-0453391601 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391605 MOLEX11-0453391605 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
455931607 MOLEX-455931607 Datasheet
924Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR PCB TERMINATION
0453391603 MOLEX1-0453391603_18 Datasheet
43Kb / 2P
   0.80mm Pitch HandyLink Plug for Wire Termination, 16 Circuit (pins 2,3,4,5,6,7,15 voided)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com