Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-45560-001 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # SD-45560-001
Description  0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

SD-45560-001 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

Back Button SD-45560-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 6Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 7Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 8Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 9Page - Molex Electronics Ltd. SD-45560-001 Datasheet HTML 10Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
HANDYLINK™
APPLICATION SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2009-1982
B
DATE:
2009/02/09
TITLE:
APPLICATION SPECIFICATION
HANDYLINK™I/O CONNECTOR SYSTEM
6 of 27
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-45560-001
M. Simmel/D. Morgan
M. Ibarra
S. Miller
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
6
4.0 MATING AND UN-MATING OF CONNECTORS
This section describes the preferred methods for mating and un-mating the HandyLink™ connectors.
4.1
Recommendations for Mating and Un-Mating
This connector system utilizes a “passive” latching feature. There is no button to press to latch or unlatch. To latch, simply push the
plug into the receptacle (the connectors are polarized to discourage improper mating). To unlatch, simply grip the plug body firmly and
pull it straight out of the receptacle.
4.2
Mating Alignment Tolerances
4.2.a
44828 Receptacle to 45339 or 45593 Plug Connectors
The HandyLink™ plug and receptacle have been appropriately designed and toleranced to be mated and unmated by hand. The
connectors’ alignment features are manufactured with clearances to allow axial mating mis-alignment, as illustrated in the Figure 1,
below:
Figure 1. Receptacle to Plug Connector
Axial Alignment (units: mm)


Similar Part No. - SD-45560-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-45560-002 MOLEX-SD-45560-002 Datasheet
1Mb / 27P
   0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
More results

Similar Description - SD-45560-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
455600161 MOLEX-455600161 Datasheet
1Mb / 27P
   0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
448281162 MOLEX-448281162 Datasheet
1Mb / 27P
   0.8MM HANDYLINK SMT RECEPTACLE 16 CIRCUIT
455931607 MOLEX-455931607 Datasheet
924Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR PCB TERMINATION
logo
SUYIN USA, INC.
300001MA003XX00XX SUYIN-USA-300001MA003XX00XX Datasheet
79Kb / 1P
   3.00mm PITCH BATTERY CONN-CRADLE
300004MB004XX00XX SUYIN-USA-300004MB004XX00XX Datasheet
79Kb / 1P
   3.00mm pitch battery conn-cradle
logo
FCI connector
61083 FCI-CONNECTOR-61083 Datasheet
461Kb / 6P
   0.8mM BOARD TO BOARD PLUG ASSY
logo
Molex Electronics Ltd.
0453391604 MOLEX11-0453391604 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391603 MOLEX11-0453391603 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391602 MOLEX11-0453391602 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
logo
FCI connector
61082 FCI-CONNECTOR-61082 Datasheet
473Kb / 6P
   BERCSTAK 0.8MM RECEPTACLE ASSY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com