Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

455600161 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part No. 455600161
Description  0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

455600161 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

 
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
HANDYLINK™
APPLICATION SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2009-1982
B
DATE:
2009/02/09
TITLE:
APPLICATION SPECIFICATION
HANDYLINK™I/O CONNECTOR SYSTEM
4 of 27
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-45560-002
M. Simmel/D. Morgan
M. Ibarra
S. Miller
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
4
Table of Contents
Section
Page
Section
Page
1.0
Scope
3
2.0
Product Description
3
3.0
Applicable Documents and Specifications
3
4.0
Mating and Un-Mating of Connectors
4.1
Recommendations for Mating and Un-Mating
4
4.2
Mating Alignment Tolerances
4
5.0
Soldering Process Recommendations
5.1 44828 SMT Receptacle Connector
6
5.1.1
PCB Layout
5.1.2
Solder Paste Stencil Layout
5.1.3
Reflow Profile
5.1.4
Inspection
5.2 45560 SMT Cradle Connector
6
5.2.1
PCB Layout
5.2.2
Solder Paste Stencil Layout
5.2.3
Reflow Profile
5.2.4
Inspection
5.3 45339 Plug Module for Wire Termination
7
5.3.1
Applicable Wire Sizes
5.3.2
Wire Preparation
5.3.3
Inspection
5.4 45593 Plug Module for PCB Termination
7
5.4.1
PCB Layout
5.4.2
Inspection
6.0
Mechanical Design Recommendations
6.1 Mechanical Fasteners and Support
8
6.1.1
Receptacle Connector
6.1.2
Plug Connector Modules
6.1.3
Cradle Connector
6.2 Ingress Protection
10
6.3 Plug Cable Over-Molding
11
6.3.1 Wire Soldering
6.3.2
Encapsulation
6.3.3
Strain Relief
6.3.4
Final Over-Molding
6.4 Design Best Practices
14
6.4.1 Plug Over-mold Designs
6.4.2 Cradle Designs
7.0
Electrical Recommendations
7.1 Power Considerations
21
7.2 High Speed Signal Transmission
21


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn