Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

455600161 Datasheet(PDF) 27 Page - Molex Electronics Ltd.

Part No. 455600161
Description  0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

455600161 Datasheet(HTML) 27 Page - Molex Electronics Ltd.

 
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
HANDYLINK™
APPLICATION SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2009-1982
B
DATE:
2009/02/09
TITLE:
APPLICATION SPECIFICATION
HANDYLINK™I/O CONNECTOR SYSTEM
27 of 27
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-45560-002
M. Simmel/D. Morgan
M. Ibarra
S. Miller
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
27
7.0
Electrical Recommendations
7.1
Power Considerations
Please see the Product Specification, PS-44828-001, for the nominal electrical specifications. For applications where the sustained
electrical power usage requirements exceed the limits stated in the product specification, the use of multiple circuits is suggested.
When the end-application is likely to encounter salt spray conditions, potential differences exceeding 4VDC should be separated by
more than one terminal position (i.e. 1.6mm or more) to avoid galvanic corrosion between circuits.
7.2
High Speed Signal Transmission
Testing has shown that under the USB 2.0 Specification environment for connector components and cable assemblies (200 and
500 picosecond rise times), the HandyLink connectors perform within specification for both differential and common-mode impedance.
Full compliance testing on finished cable assemblies will have to be undertaken to verify the performance level of the finished
product.
Contact Molex for further assistance regarding high speed signal transmission applications.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn