Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

455600161 Datasheet(PDF) 18 Page - Molex Electronics Ltd.

Part No. 455600161
Description  0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

455600161 Datasheet(HTML) 18 Page - Molex Electronics Ltd.

Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
HANDYLINK™
APPLICATION SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2009-1982
B
DATE:
2009/02/09
TITLE:
APPLICATION SPECIFICATION
HANDYLINK™I/O CONNECTOR SYSTEM
18 of 27
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-45560-002
M. Simmel/D. Morgan
M. Ibarra
S. Miller
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
18
6.4.1
Plug Over-Mold Designs
Supplemental guide features to align the connectors during mating or un-mating are strongly recommended if any of the following
conditions are present:
o
A great deal of curvature in the end product (such as that illustrated, below);
o
The accessory cable is stiff or bent abruptly;
o
The mass of the end-product itself is greater than 1000grams and is likely to experience more than 1g of acceleration during use or
under vibration;
o
The cable connection and disconnection cycles are numerous (more than 5000 cycles);
o
There is significant risk of the end users pulling at connections in off-axis directions.
Figure 12. Example of an application
with a great degree of curvature near
the connector interface.
Supplemental guide features may be incorporated into or complement the over-mold design as illustrated in Figures 12 and 13:


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn