Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

455600161 Datasheet(PDF) 17 Page - Molex Electronics Ltd.

Part No. 455600161
Description  0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

455600161 Datasheet(HTML) 17 Page - Molex Electronics Ltd.

Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
HANDYLINK™
APPLICATION SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2009-1982
B
DATE:
2009/02/09
TITLE:
APPLICATION SPECIFICATION
HANDYLINK™I/O CONNECTOR SYSTEM
17 of 27
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-45560-002
M. Simmel/D. Morgan
M. Ibarra
S. Miller
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
17
6.4
Design Best Practices
The information provided so far in this document has been related to the basic usage conditions of the HandyLink™ connectors. The
sections that follow contain important information and guidelines for design that apply to specific applications or industrial design
constraints for the end-product accessories. In all cases, Molex advises that prototype assemblies be used as early in the design and
development cycle as possible to simulate and assess true usage conditions in the actual end-products.
Please contact Molex for technical assistance with design feasibility studies or design reviews.
6.4.0
Mating Over-Travel Clearance
The HandyLink connectors are designed such that the corresponding ‘front’ faces fully engage and then spring back 0.20mm to the
final mated condition. This ‘over-travel clearance’ assures that the components of the passive latching system engage, as illustrated in
Figure 11. This clearance must be accommodated in all device and accessory designs top assure proper function.
Plug Connector
0.20mm over-travel
clearance between
connectors when mated
Receptacle Connector
Hook
Latch


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn