Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

455600161 Datasheet(PDF) 13 Page - Molex Electronics Ltd.

Part No. 455600161
Description  0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

455600161 Datasheet(HTML) 13 Page - Molex Electronics Ltd.

Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
HANDYLINK™
APPLICATION SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2009-1982
B
DATE:
2009/02/09
TITLE:
APPLICATION SPECIFICATION
HANDYLINK™I/O CONNECTOR SYSTEM
13 of 27
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-45560-002
M. Simmel/D. Morgan
M. Ibarra
S. Miller
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
13
6.3
Plug Cable Over-Molding
6.3.1
Wire Soldering
This section provides an outline of the recommended plug cable over-molding practices
for the 45339 and 45593 plug connector modules. The 45339 connector (a 16-circuit wire termination version) is shown, below, prior to
soldering. Please note the following features:
Latch soldertails
(2 places)
Wire soldertails (2 rows)
Cavities under the latches (2 places)
Figure 5. Soldertail side of the plug connector
Pre-tinned wires should be terminated to the appropriate solder tails working in sequence and one row at a time, taking care that
the insulation does not become exposed more than 1mm from the end of the terminals. The completed assembly after soldering of
the wires is shown below. Dressing of the wires should be avoided until after the soldering and encapsulation processes are
complete.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn