Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

455600161 Datasheet(PDF) 10 Page - Molex Electronics Ltd.

Part No. 455600161
Description  0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

455600161 Datasheet(HTML) 10 Page - Molex Electronics Ltd.

Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
HANDYLINK™
APPLICATION SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2009-1982
B
DATE:
2009/02/09
TITLE:
APPLICATION SPECIFICATION
HANDYLINK™I/O CONNECTOR SYSTEM
10 of 27
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-45560-002
M. Simmel/D. Morgan
M. Ibarra
S. Miller
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
10
6.0 MECHANICAL MOUNTING RECOMMENDATIONS
6.1
Mechanical Fasteners and Support
6.1.1
Receptacle Connector
Molex recommends that the receptacle connector be mounted within the end-application enclosure such that it is recessed by 1.6 to
2.4mm from the outermost faces and with a 0.10mm maximum clearance with the casing inner walls. Such a recess provides multiple
advantages in terms of protecting the contact surfaces from accidental impact with foreign objects, providing mechanical support when
the mating plug connector assembly is torqued by abusive handling, and helps to reduce direct contact with hand oils or other
contamination. See Figures 3A and 3B, below, for recommendations on recess dimensions.
Figure 3A. Receptacle Connector Recess When Mating with the Plug Only (units: mm)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn