Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-44828-001 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # SD-44828-001
Description  0.8MM HANDYLINK SMT RECEPTACLE 16 CIRCUIT
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

SD-44828-001 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  SD-44828-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-44828-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-44828-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-44828-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-44828-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-44828-001 Datasheet HTML 6Page - Molex Electronics Ltd. SD-44828-001 Datasheet HTML 7Page - Molex Electronics Ltd. SD-44828-001 Datasheet HTML 8Page - Molex Electronics Ltd. SD-44828-001 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
HANDYLINK™
APPLICATION SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2008-0962
B
DATE:
2007/10/30
TITLE:
APPLICATION SPECIFICATION
HANDYLINK™I/O CONNECTOR SYSTEM
3 of 27
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-44828-001
M. Simmel / D. Morgan
B. Barker
S. Miller
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
HANDYLINK™
I/O CONNECTORS
44828 SMT Receptacle
45560 SMT Cradle
Connector
Connector
45339 and 45593
Plug Connector Modules


Similar Part No. - SD-44828-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-44812-001 MOLEX6-SD-44812-001 Datasheet
177Kb / 4P
   2.54mm (.100") Pitch KK짰 PC Board Receptacle
SD-44812-001 MOLEX6-SD-44812-001 Datasheet
175Kb / 4P
   2.54mm (.100") Pitch KK PC Board Receptacle, Top and Bottom Entry, Low Profile, 0.8um (30u") Gold (Au), 5 Circuits
SD-44812-001 MOLEX6-SD-44812-001 Datasheet
175Kb / 4P
   2.54mm (.100") Pitch KK짰 PC Board Receptacle
SD-44812-001 MOLEX6-SD-44812-001 Datasheet
175Kb / 4P
   2.54mm (.100") Pitch KK PC Board Receptacle, Top and Bottom Entry, Low Profile, 0.8um (30u") Gold (Au), 15 Circuits
SD-44812-001 MOLEX6-SD-44812-001 Datasheet
177Kb / 4P
   2.54mm (.100") Pitch KK PC Board Receptacle, Top and Bottom Entry, Low Profile, 0.8um (30u") Gold (Au), 4 Circuits
More results

Similar Description - SD-44828-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
455600160 MOLEX-455600160 Datasheet
1Mb / 27P
   0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
455600161 MOLEX-455600161 Datasheet
1Mb / 27P
   0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
0453391604 MOLEX11-0453391604 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391603 MOLEX11-0453391603 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391602 MOLEX11-0453391602 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391600 MOLEX11-0453391600 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391601 MOLEX11-0453391601 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391605 MOLEX11-0453391605 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
455931607 MOLEX-455931607 Datasheet
924Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR PCB TERMINATION
0453391603 MOLEX1-0453391603_18 Datasheet
43Kb / 2P
   0.80mm Pitch HandyLink Plug for Wire Termination, 16 Circuit (pins 2,3,4,5,6,7,15 voided)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com