Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

455600160 Datasheet(PDF) 20 Page - Molex Electronics Ltd.

Part # 455600160
Description  0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

455600160 Datasheet(HTML) 20 Page - Molex Electronics Ltd.

Back Button 455600160 Datasheet HTML 16Page - Molex Electronics Ltd. 455600160 Datasheet HTML 17Page - Molex Electronics Ltd. 455600160 Datasheet HTML 18Page - Molex Electronics Ltd. 455600160 Datasheet HTML 19Page - Molex Electronics Ltd. 455600160 Datasheet HTML 20Page - Molex Electronics Ltd. 455600160 Datasheet HTML 21Page - Molex Electronics Ltd. 455600160 Datasheet HTML 22Page - Molex Electronics Ltd. 455600160 Datasheet HTML 23Page - Molex Electronics Ltd. 455600160 Datasheet HTML 24Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
HANDYLINK™
APPLICATION SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2009-1982
B
DATE:
2009/02/09
TITLE:
APPLICATION SPECIFICATION
HANDYLINK™I/O CONNECTOR SYSTEM
20 of 27
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-45560-001
M. Simmel/D. Morgan
M. Ibarra
S. Miller
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
20
o
Supplemental Latching and Alignment Posts
Where the mass of the end product is greater than 1000 grams and is subject to sudden accelerations or strong vibrations during
use, a cup-style receptacle needs to be considered to adequately protect the connection interface. The cup-style receptacle should
incorporate separate external latching features and supplemental alignment posts similar to those illustrated below. NOTE: The cup-
style receptacle’s dimensions must restrict angular misalignment, when mated, to within the limits specified in Section 4.2.
Figure 14. Use of a cup-style receptacle for added support and alignment
External latching feature (each side)
Supplemental alignment posts
Cup-style receptacle (separate
molded part)
Guide ribs (each side)


Similar Part No. - 455600160

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
455600161 MOLEX-455600161 Datasheet
1Mb / 27P
   0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
More results

Similar Description - 455600160

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
455600161 MOLEX-455600161 Datasheet
1Mb / 27P
   0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
448281162 MOLEX-448281162 Datasheet
1Mb / 27P
   0.8MM HANDYLINK SMT RECEPTACLE 16 CIRCUIT
455931607 MOLEX-455931607 Datasheet
924Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR PCB TERMINATION
logo
SUYIN USA, INC.
300001MA003XX00XX SUYIN-USA-300001MA003XX00XX Datasheet
79Kb / 1P
   3.00mm PITCH BATTERY CONN-CRADLE
300004MB004XX00XX SUYIN-USA-300004MB004XX00XX Datasheet
79Kb / 1P
   3.00mm pitch battery conn-cradle
logo
FCI connector
61083 FCI-CONNECTOR-61083 Datasheet
461Kb / 6P
   0.8mM BOARD TO BOARD PLUG ASSY
logo
Molex Electronics Ltd.
0453391604 MOLEX11-0453391604 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391603 MOLEX11-0453391603 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391602 MOLEX11-0453391602 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
logo
FCI connector
61082 FCI-CONNECTOR-61082 Datasheet
473Kb / 6P
   BERCSTAK 0.8MM RECEPTACLE ASSY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com