Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

455600160 Datasheet(PDF) 12 Page - Molex Electronics Ltd.

Part # 455600160
Description  0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

455600160 Datasheet(HTML) 12 Page - Molex Electronics Ltd.

Back Button 455600160 Datasheet HTML 8Page - Molex Electronics Ltd. 455600160 Datasheet HTML 9Page - Molex Electronics Ltd. 455600160 Datasheet HTML 10Page - Molex Electronics Ltd. 455600160 Datasheet HTML 11Page - Molex Electronics Ltd. 455600160 Datasheet HTML 12Page - Molex Electronics Ltd. 455600160 Datasheet HTML 13Page - Molex Electronics Ltd. 455600160 Datasheet HTML 14Page - Molex Electronics Ltd. 455600160 Datasheet HTML 15Page - Molex Electronics Ltd. 455600160 Datasheet HTML 16Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
HANDYLINK™
APPLICATION SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2009-1982
B
DATE:
2009/02/09
TITLE:
APPLICATION SPECIFICATION
HANDYLINK™I/O CONNECTOR SYSTEM
12 of 27
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-45560-001
M. Simmel/D. Morgan
M. Ibarra
S. Miller
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
12
6.2
Ingress Protection
Ingress protection, as described by IEC 60529, is a function of the customer’s enclosure. The HandyLink™ Receptacle Connector has
been designed to facilitate enclosure design when ingress protection is required. The interfaces between the metal and plastic
components of the connector are sealed to discourage intrusion of dust and liquid through the connector into the enclosure. The
customer is expected to design an appropriate seal around the periphery of the connector to adequately seal the finished enclosure.
Contact Molex for additional information.
Gaskets may be applied to the top and sides, or
front surfaces.
The bottom surface, once soldered, forms a continuous seal with the PCB
Figure 4. Sealing to achieve ingress protection with the receptacle connector


Similar Part No. - 455600160

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
455600161 MOLEX-455600161 Datasheet
1Mb / 27P
   0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
More results

Similar Description - 455600160

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
455600161 MOLEX-455600161 Datasheet
1Mb / 27P
   0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
448281162 MOLEX-448281162 Datasheet
1Mb / 27P
   0.8MM HANDYLINK SMT RECEPTACLE 16 CIRCUIT
455931607 MOLEX-455931607 Datasheet
924Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR PCB TERMINATION
logo
SUYIN USA, INC.
300001MA003XX00XX SUYIN-USA-300001MA003XX00XX Datasheet
79Kb / 1P
   3.00mm PITCH BATTERY CONN-CRADLE
300004MB004XX00XX SUYIN-USA-300004MB004XX00XX Datasheet
79Kb / 1P
   3.00mm pitch battery conn-cradle
logo
FCI connector
61083 FCI-CONNECTOR-61083 Datasheet
461Kb / 6P
   0.8mM BOARD TO BOARD PLUG ASSY
logo
Molex Electronics Ltd.
0453391604 MOLEX11-0453391604 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391603 MOLEX11-0453391603 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391602 MOLEX11-0453391602 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
logo
FCI connector
61082 FCI-CONNECTOR-61082 Datasheet
473Kb / 6P
   BERCSTAK 0.8MM RECEPTACLE ASSY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com