Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF1M Datasheet(PDF) 1 Page - Micro Commercial Components

Part # UF1M
Description  1 Amp Surface Mount Ultra Fast Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

UF1M Datasheet(HTML) 1 Page - Micro Commercial Components

  UF1M Datasheet HTML 1Page - Micro Commercial Components UF1M Datasheet HTML 2Page - Micro Commercial Components UF1M Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UF1A
THRU
UF1M
1 Amp Surface Mount
Ultra
Fast
Rectifier
50 to 1000 Volts
DO-214AA
(SMB) (LEAD FRAME)
Features
Glass passivated junction
Easy pick and place
High Temp Soldering: 260
°C for 10 Seconds At Terminals
Superfast Recovery Times For High Efficiency
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TL = 100
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum Instantaneous
Forward Voltage
UF1A-D
UF1G
UF1J-M
VF
1.7V
IFM = 1.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
100
µA
TA = 25
°C
TA = 125
°C
Typical Junction
Capacitance
CJ
17pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 200
µsec, Duty cycle 2%
H
J
E
F
G
A
B
D
C
0.075”
0.085"
0.095”
SUGGESTED SOLDER
PAD LAYOUT
Operating Temperature: -50
°C to +150°C
Storage Temperature: -50
°C to +150°C
Maximum Thermal Resistance; 30
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
UF1A
UF1A
50V
35V
50V
UF1B
UF1B
100V
70V
100V
UF1D
UF1D
200V
140V
200V
UF1G
UF1G
400V
280V
400V
UF1J
UF1J
600V
420V
600V
Maximum Reverse
Recovery Time
UF1A-G
UF1J-M
Trr
50ns
100ns
IF=0.5A, IR=1.0A,
Irr=0.25A
MCC
www.mccsemi.com
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.083
.096
2.11
2.44
B
.075
.083
1.91
2.11
C
.002
.008
.05
.20
D
-----
.02
-----
.51
E
.030
.050
.76
1.27
F
.065
.091
1.65
2.32
G
.200
.220
5.08
5.59
H
.160
.185
4.06
4.70
J
.130
.155
3.30
3.94
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
1.
4V
Revision: A
2011/01/01
TM
Micro Commercial Components
Lead Free Finish/RoHS Compliant(NOTE 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Maximum Ratings
UF1
K
UF1
K800V
560V
800V
1.0V
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
1 of 3
UF1M
UF1M
1
000V
700V
1000V
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Similar Part No. - UF1M

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
UF1M SSE-UF1M Datasheet
17Kb / 1P
   SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Shanghai Shunye Electro...
UF1M SHUNYE-UF1M Datasheet
233Kb / 2P
   SURFACE MOUNT ULTRA FAST RE RECTIFIER
logo
Taiwan Semiconductor Co...
UF1M TSC-UF1M Datasheet
247Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Microdiode Electronics ...
UF1M CHENDA-UF1M Datasheet
535Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Taiwan Semiconductor Co...
UF1M TSC-UF1M Datasheet
68Kb / 2P
   1.0 AMP. Glass Passivated Ultrafast Plastic Rectifiers
More results

Similar Description - UF1M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
US1AE MCC-US1AE Datasheet
212Kb / 4P
   1 Amp Ultra Fast Rectifier 50 to 1000 Volts
US1JFL-TP MCC-US1JFL-TP Datasheet
356Kb / 4P
   1 Amp Ultra Fast Rectifier 50 to 1000 Volts
US1J-TP MCC-US1J-TP Datasheet
334Kb / 4P
   1 Amp Ultra Fast Rectifier 50 to 1000 Volts
US1ME-TP MCC-US1ME-TP Datasheet
231Kb / 4P
   1 Amp Ultra Fast Rectifier 50 to 1000 Volts
US1M-TP MCC-US1M-TP Datasheet
285Kb / 4P
   1 Amp Ultra Fast Rectifier 50 to 1000 Volts
US1A MCC-US1A Datasheet
282Kb / 4P
   1 Amp Ultra Fast Rectifier 50 to 1000 Volts
UF4001 MCC-UF4001 Datasheet
371Kb / 2P
   1 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
UF4001 MCC-UF4001_11 Datasheet
231Kb / 3P
   1 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
ES1AE MCC-ES1AE_14 Datasheet
375Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Shanghai Leiditech Elec...
ER1A LEIDITECH-ER1A Datasheet
628Kb / 3P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com