Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS0101F020V4 Datasheet(PDF) 1 Page - E-SWITCH

Part # TS0101F020V4
Description  E-SWITCH TS0101F020V4
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TS0101F020V4 Datasheet(HTML) 1 Page - E-SWITCH

  TS0101F020V4 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TS0101F020V4
4=1
6/18/2009
Q980002
D
BLR
1
1
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=`0.4
X.XX=`0.25
3. RATING: 0.3A @ 6VDC
4. OPERATING FORCE: 20 `10 GRAMS
5. OPERATING TEMP: -25~C TO 85~C
6. ELECTRICAL LIFE: 50,000 CYCLES MIN.
7. INSULATION RESISTANCE: 100 MEGA-OHMS MIN.
8. DIELECTRIC STRENGTH: 250VAC 1 MINUTE (INITAL VALUE)
9. CONTACT RESISTANCE: 50 MILLI -OHMS MAX.
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT
O.P. (MM)
P.T. (MM)
`
O.P. = OPERATING POINT
P.T. = PRE-TRAVEL
6.7
1.8 Max.
0.5
C
NC
NO
CURCUIT: SPDT
C NO NC
2.50
[.098 in]
5.00
[.197 in]
n1.40
[.055 in]
PCB LAYOUT
A
17918
New Product Release
1/8/08
rc
2.85
[.112 in]
4.00
[.157 in]
2.00
[.079 in]
C
NO
NC
n1.70
[.067 in]
2.70
[.106 in]
2.50
[.098 in]
5.00
[.197 in]
8.20
[.323 in]
2.40
[.094 in]
.50
[.020 in]
3.10
[.122 in]
2.85
[.112 in]
4.50
[.177 in]
1.20
[.047 in]
.75
[.030 in]
1.60
[.063 in]
5.00
[.197 in]
4.00
[.157 in]
5.40
[.213 in]
5.5
[.216 in]
n1.60
[.063 in]
P.T.
O.P.
B
17974
CHANGE OPERATING FORCE SPEC
2/15/08
BLR
B
C
18269
TITLE CHANGE FROM TS0101F030V4
10/6/08
BLR
5.10
[.201 in]
D
18561
BODY CHANGED TO ADD STOP
6/18/09
BLR


Similar Part No. - TS0101F020V4

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TS0101F020V4 E-SWITCH-TS0101F020V4 Datasheet
304Kb / 2P
   SNAP ACTION SWITCHES - SUB-MINIATURE
More results

Similar Description - TS0101F020V4

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
KC52A30.001NPS E-SWITCH-KC52A30.001NPS Datasheet
272Kb / 1P
   E-SWITCH KC52A30.001NPS
MS0850500F060S1A E-SWITCH-MS0850500F060S1A Datasheet
57Kb / 1P
   E-SWITCH MS0850500F060S1A
MS0850504F020S1A E-SWITCH-MS0850504F020S1A Datasheet
59Kb / 1P
   E-SWITCH MS0850504F020S1A
RC1083BBLKBLKGF0 E-SWITCH-RC1083BBLKBLKGF0 Datasheet
56Kb / 1P
   E-SWITCH RC1083BBLKBLKGF0
RR111C1121 E-SWITCH-RR111C1121 Datasheet
76Kb / 1P
   E-SWITCH RR111C1121
RR511D1121 E-SWITCH-RR511D1121 Datasheet
68Kb / 1P
   E-SWITCH RR511D1121
RR812C1121 E-SWITCH-RR812C1121 Datasheet
81Kb / 1P
   E-SWITCH RR812C1121
ST143D00 E-SWITCH-ST143D00 Datasheet
63Kb / 1P
   E-SWITCH ST143D00
100SP1T1B1M2QEH E-SWITCH-100SP1T1B1M2QEH Datasheet
190Kb / 1P
   E-SWITCH 100SP1T1B1M2QEH
100SP3T1B1M1REH E-SWITCH-100SP3T1B1M1REH Datasheet
119Kb / 1P
   E-SWITCH 100SP3T1B1M1REH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com