Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST113016 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST113016
Description  E-SWITCH 100SP3T1B1M1REH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST113016 Datasheet(HTML) 1 Page - E-SWITCH

  ST113016 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
100SP3T1B1M1REH
2:1
8/21/2006
ST113016
A
BO
1
1
A
16350
RELEASED FOR PRODUCTION
8/21/06
BO
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: GOLD
5. RATING: 0.4 VA MAX. @ 20 VAC OR VDC MAX.
6. ELECTRIC LIFE: 40,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT
12. HARDWARE TO BE SHIPPED BULK
T100011 - LOCK WASHER (1)
T100015 - LOCK RING (1)
T100000 - HEX NUT (2)
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
OFF
ON
ON
2-3
OPEN
2-1
2
13
CIRCUI: SPDT
25
~
POS. 1
POS. 2
POS. 3
2.92
[.115 in]
n
3.96
[.156 in]
8.89
[.350 in]
E-SWITCH
MARKING ON
OPPOSITE SIDE
12
3
3
6.86
[.270 in]
12.70
[.500 in]
EPOXY SEAL
.76
[.030 in]
4.70
[.185 in]
2.03
[.080 in]
1.19
[.047 in]
1.98
[.078 in]
8.89
[.350 in]
10.41
[.410 in]
1/4-40 UNS - 2A
KEYWAY


Similar Part No. - ST113016

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST113016 E-SWITCH-ST113016 Datasheet
119Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - ST113016

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
KC52A30.001NPS E-SWITCH-KC52A30.001NPS Datasheet
272Kb / 1P
   E-SWITCH KC52A30.001NPS
MS0850500F060S1A E-SWITCH-MS0850500F060S1A Datasheet
57Kb / 1P
   E-SWITCH MS0850500F060S1A
MS0850504F020S1A E-SWITCH-MS0850504F020S1A Datasheet
59Kb / 1P
   E-SWITCH MS0850504F020S1A
RC1083BBLKBLKGF0 E-SWITCH-RC1083BBLKBLKGF0 Datasheet
56Kb / 1P
   E-SWITCH RC1083BBLKBLKGF0
RR111C1121 E-SWITCH-RR111C1121 Datasheet
76Kb / 1P
   E-SWITCH RR111C1121
RR511D1121 E-SWITCH-RR511D1121 Datasheet
68Kb / 1P
   E-SWITCH RR511D1121
RR812C1121 E-SWITCH-RR812C1121 Datasheet
81Kb / 1P
   E-SWITCH RR812C1121
ST143D00 E-SWITCH-ST143D00 Datasheet
63Kb / 1P
   E-SWITCH ST143D00
100SP1T1B1M2QEH E-SWITCH-100SP1T1B1M2QEH Datasheet
190Kb / 1P
   E-SWITCH 100SP1T1B1M2QEH
100SP4T1B1M1QEH E-SWITCH-100SP4T1B1M1QEH Datasheet
123Kb / 1P
   E-SWITCH 100SP4T1B1M1QEH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com