Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D25SC6MR Datasheet(PDF) 6 Page - Shindengen Electric Mfg.Co.Ltd

Part # D25SC6MR
Description  Schottky Rectifiers (SBD) (60V 25A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D25SC6MR Datasheet(HTML) 6 Page - Shindengen Electric Mfg.Co.Ltd

Back Button D25SC6MR Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D25SC6MR Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D25SC6MR Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D25SC6MR Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D25SC6MR Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd D25SC6MR Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd D25SC6MR Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd D25SC6MR Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd D25SC6MR Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
0
tp
IO
T
D=tp/T
0
5
10
15
20
25
0
5
10
15
20
25
30
35
40
D25SC6MR
0.3
Forward Power Dissipation
Tj = 150
°C
SIN
0.2
0.1
D=0.8
DC
0.5
0.05
Average Rectified Forward Current IO [A]


Similar Part No. - D25SC6MR

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D25SC6MR SHINDENGEN-D25SC6MR_10 Datasheet
486Kb / 2P
   Schottky Barrier Diode
D25SC6MR SHINDENGEN-D25SC6MR_17 Datasheet
506Kb / 4P
   Schottky Barrier Diode
More results

Similar Description - D25SC6MR

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D25SC6M SHINDENGEN-D25SC6M Datasheet
543Kb / 10P
   Schottky Rectifiers (SBD) (60V 25A)
DF25SC6M SHINDENGEN-DF25SC6M Datasheet
533Kb / 10P
   Schottky Rectifiers (SBD) (60V 25A)
S25SC6M SHINDENGEN-S25SC6M Datasheet
539Kb / 10P
   Schottky Rectifiers (SBD) (60V 25A)
S60SC6M SHINDENGEN-S60SC6M Datasheet
556Kb / 10P
   Schottky Rectifiers (SBD)(60V 60A)
D240SC6M SHINDENGEN-D240SC6M Datasheet
16Kb / 1P
   Schottky Rectifiers (SBD) (60V 240A)
D5S6M SHINDENGEN-D5S6M Datasheet
696Kb / 11P
   Schottky Rectifiers (SBD) (60V 5A)
DE5S6M SHINDENGEN-DE5S6M Datasheet
744Kb / 12P
   Schottky Rectifiers (SBD) (60V 5A)
D2FS6 SHINDENGEN-D2FS6 Datasheet
589Kb / 11P
   Schottky Rectifiers (SBD) (60V 1.5A)
D2S6M SHINDENGEN-D2S6M Datasheet
602Kb / 11P
   Schottky Rectifiers (SBD) (60V 2A)
D4SBS6 SHINDENGEN-D4SBS6 Datasheet
620Kb / 11P
   Schottky Rectifiers (SBD)(60V 4A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com