Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuM3210WARZ-RL7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADuM3210WARZ-RL7
Description  Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM3210WARZ-RL7 Datasheet(HTML) 1 Page - Analog Devices

  ADuM3210WARZ-RL7 Datasheet HTML 1Page - Analog Devices ADuM3210WARZ-RL7 Datasheet HTML 2Page - Analog Devices ADuM3210WARZ-RL7 Datasheet HTML 3Page - Analog Devices ADuM3210WARZ-RL7 Datasheet HTML 4Page - Analog Devices ADuM3210WARZ-RL7 Datasheet HTML 5Page - Analog Devices ADuM3210WARZ-RL7 Datasheet HTML 6Page - Analog Devices ADuM3210WARZ-RL7 Datasheet HTML 7Page - Analog Devices ADuM3210WARZ-RL7 Datasheet HTML 8Page - Analog Devices ADuM3210WARZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Dual-Channel Digital Isolators,
Enhanced System-Level ESD Reliability
Data Sheet
ADuM3210/ADuM3211
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Enhanced system-level ESD performance per IEC 61000-4-x
High temperature operation: 125°C
Default low output
Narrow body, RoHS-compliant, 8-lead SOIC
Low power operation
5 V operation
1.7 mA per channel maximum @ 0 Mbps to 2 Mbps
3.7 mA per channel maximum @ 10 Mbps
7.0 mA per channel maximum @ 25 Mbps
3 V operation
1.5 mA per channel maximum @ 0 Mbps to 2 Mbps
2.5 mA per channel maximum @ 10 Mbps
4.7 mA per channel maximum @ 25 Mbps
3 V/5 V level translation
High data rate: dc to 25 Mbps (NRZ)
Precise timing characteristics
3 ns maximum pulse-width distortion at 5 V operation
3 ns maximum channel-to-channel matching
High common-mode transient immunity: >25 kV/μs
Safety and regulatory approvals
UL recognition: 2500 V rms for 1 minute per UL 1577
CSA Component Acceptance Notice #5A
VDE Certificate of Conformity
DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12
VIORM = 560 V peak
Qualified for automotive applications
APPLICATIONS
Size-critical multichannel isolation
SPI interface/data converter isolation
RS-232/RS-422/RS-485 transceiver isolation
Digital field bus isolation
Gate drive interfaces
Hybrid electric vehicles, battery monitor, and motor drive
GENERAL DESCRIPTION
The ADuM3210/ADuM3211 are dual-channel, digital isolators
based on Analog Devices, Inc., iCoupler® technology. Combining
high speed CMOS and monolithic transformer technology, this
isolation component provides outstanding performance charac-
teristics superior to alternatives such as optocoupler devices.
By avoiding the use of LEDs and photodiodes, iCoupler devices
remove the design difficulties commonly associated with opto-
couplers. The typical optocoupler concerns regarding uncertain
current transfer ratios, nonlinear transfer functions, and temperature
and lifetime effects are eliminated with the simple iCoupler digital
interfaces and stable performance characteristics. The need for
external drivers and other discrete components is eliminated
with these iCoupler products. Furthermore, iCoupler devices
consume one-tenth to one-sixth the power of optocouplers at
comparable signal data rates.
The ADuM3210/ADuM3211 isolators provide two independent
isolation channels in two channel configurations with data rates
up to 25 Mbps (see the Ordering Guide). They operate with 3.3 V
or 5 V supply voltages on either side, providing compatibility
with lower voltage systems as well as enabling voltage translation
functionality across the isolation barrier. The ADuM3210/
ADuM3211 isolators have a default output low characteristic in
comparison to the ADuM3200/ ADuM3201 models that have a
default output high characteristic. ADuM3210W and ADuM3211W
are automotive grade versions qualified for 125°C operation.
In comparison to the ADuM120x isolator, the ADuM3210/
ADuM3211 isolators contain various circuit and layout changes
providing increased capability relative to system-level IEC 61000-4-x
testing (ESD, burst, and surge). The precise capability in these tests
for either the ADuM120x or ADuM3210/ADuM3211 products is
strongly determined by the design and layout of the user’s board or
module. For more information, see the AN-793 Application Note,
ESD/Latch-Up Considerations with iCoupler Isolation Products.
FUNCTIONAL BLOCK DIAGRAMS
ENCODE
DECODE
ENCODE
DECODE
VDD1
VIA
VIB
GND1
VDD2
VOA
VOB
GND2
1
2
3
4
8
7
6
5
ADuM3210
ENCODE
DECODE
ENCODE
DECODE
VDD1
VOA
VIB
GND1
VDD2
VIA
VOB
GND2
1
2
3
4
8
7
6
5
ADuM3211
Figure 1. ADuM3210 Functional Block Diagram
Figure 2. ADuM3211 Functional Block Diagram
Protected by U.S. Patents 5,952,849; 6,873,065; and 7,075,239.


Similar Part No. - ADuM3210WARZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3210 AD-ADUM3210 Datasheet
478Kb / 20P
   Dual-Channel Digital Isolator, Enhanced System-Level ESD Reliability
REV. A
ADUM3210 AD-ADUM3210 Datasheet
523Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
ADuM3210ARZ AD-ADuM3210ARZ Datasheet
523Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
ADuM3210ARZ-RL7 AD-ADuM3210ARZ-RL7 Datasheet
523Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
ADUM3210BRZ AD-ADUM3210BRZ Datasheet
478Kb / 20P
   Dual-Channel Digital Isolator, Enhanced System-Level ESD Reliability
REV. A
More results

Similar Description - ADuM3210WARZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3210 AD-ADUM3210_09 Datasheet
523Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
ADUM3200CRZ AD-ADUM3200CRZ Datasheet
467Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
ADUM3201 AD-ADUM3201_15 Datasheet
449Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. D
ADUM3200 AD-ADUM3200_15 Datasheet
449Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. D
ADUM3200 AD-ADUM3200 Datasheet
525Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. 0
ADUM3401 AD-ADUM3401_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3400 AD-ADUM3400_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3402 AD-ADUM3402_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3400 AD-ADUM3400 Datasheet
519Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. 0
ADUM3300 AD-ADUM3300_15 Datasheet
386Kb / 20P
   Triple-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com