Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuM2250ARIZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADuM2250ARIZ
Description  Hot-Swappable, Dual I2C Isolators, 5 kV
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM2250ARIZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADuM2250ARIZ Datasheet HTML 6Page - Analog Devices ADuM2250ARIZ Datasheet HTML 7Page - Analog Devices ADuM2250ARIZ Datasheet HTML 8Page - Analog Devices ADuM2250ARIZ Datasheet HTML 9Page - Analog Devices ADuM2250ARIZ Datasheet HTML 10Page - Analog Devices ADuM2250ARIZ Datasheet HTML 11Page - Analog Devices ADuM2250ARIZ Datasheet HTML 12Page - Analog Devices ADuM2250ARIZ Datasheet HTML 13Page - Analog Devices ADuM2250ARIZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADuM2250/ADuM2251
Data Sheet
Rev. A | Page 10 of 16
APPLICATIONS INFORMATION
FUNCTIONAL DESCRIPTION
The ADuM2250/ADuM2251 interface on each side to I2C sig-
nals. Internally, the bidirectional I2C signals are split into two
unidirectional channels communicating in opposite directions
via dedicated iCoupler isolation channels. One channel of each
pair (the Side 1 input of each I/O pin in Figure 6) implements
a special input buffer and output driver that can differentiate
between externally generated inputs and its own output signals.
It only transfers externally generated input signals to the
corresponding Side 2 data or clock pin.
Both the Side 1 and the Side 2 I2C pins are designed to interface
to an I2C bus operating in the 3.0 V to 5.5 V range. A logic low
on either side causes the corresponding I/O pin across the
coupler to be pulled low enough to comply with the logic low
threshold requirements of other I2C devices on the bus. Bus
contention and latch-up is avoided by guaranteeing that the
input low threshold at SDA1 or SCL1 is at least 50 mV less than
the output low signal at the same pin. This prevents an output
logic low at Side 1 being transmitted back to Side 2 and pulling
down the I2C bus by latching the state.
Because the Side 2 logic levels/thresholds and drive capabilities
comply fully with standard I2C values, multiple ADuM2250/
ADuM2251 devices connected to a bus by their Side 2 pins
can communicate with each other and with other devices
having I2C compatibility as shown in Figure 7. Note the
distinction between I2C compatibility and I2C compliance.
I2C compatibility refers to situations in which the logic levels
or drive capability of a component do not necessarily meet the
requirements of the I2C specification but still allow the com-
ponent to communicate with an I2C-compliant device. I2C
compliance refers to situations in which the logic levels and
drive capability of a component fully meet the requirements
of the I2C specification.
Because the Side 1 pin has a modified output level/input thresh-
old, Side 1 of the ADuM2250/ADuM2251 can only communicate
with devices fully compliant with the I2C standard. In other
words, Side 2 of the ADuM2250/ADuM2251 is I2C-compliant
while Side 1 is only I2C-compatible.
The Side 1 I/O pins must not be connected to other I2C
buffers that implement a similar scheme of dual I/O threshold
detection. This latch-up prevention scheme is implemented in
several popular I2C level shifting and bus extension products
currently available from Analog Devices and other manufac-
turers. Care should be taken to review the data sheet of
potential I2C bus buffering products to ensure that only one
buffer on a bus segment implements a dual threshold scheme.
A bus segment is a portion of the I2C bus that is isolated from
other portions of the bus by galvanic isolation, bus extenders, or
level shifting buffers. Table 11 shows how multiple ADuM2250/
ADuM2251 components can coexist on a bus as long as two
Side 1 buffers are not connected to the same bus segment.
Table 11. ADuM225x Buffer Compatibility
Side 1
Side 2
Side 1
No
Yes
Side 2
Yes
Yes
The output logic low levels are independent of the VDD1 and
VDD2 voltages. The input logic low threshold at Side 1 is also
independent of VDD1. However, the input logic low threshold at
Side 2 is designed to be at 0.3 VDD2, consistent with I2C require-
ments. The Side 1 and Side 2 I/O pins have open-collector
outputs whose high levels are set via pull-up resistors to their
respective supply voltages.
DECODE
ENCODE
ENCODE
DECODE
DECODE
ENCODE
ENCODE
DECODE
GND1
NC
VDD1
NC
SDA1
SCL1
NC
GND1
GND2
NC
VDD2
NC
SDA2
SCL2
NC
GND2
8
7
5
6
4
3
2
1
12
11
13
14
15
16
10
ADuM2250
SYMBOL INDICATES A DUAL THRESHOLD INPUT BUFFER.
NC = NO CONNECT
9
Figure 6. ADuM2250 Block Diagram
Figure 7 shows a typical application circuit including the pull-up
resistors required for both Side 1 and Side 2 busses. Bypass capacitors
of between 0.1 pF and 0.01 pF are required between VDD1 to
GND1 and VDD2 to GND2. The 200 Ω resistor shown in Figure 7
is required for latch-up immunity if the ambient temperature
can be between 105°C and 125°C.
VDD1
OPTIONAL
200Ω
SDA1
SCK1
GND1
VDD2
SDA2
SCK2
GND2
8
7
5
6
4
3
2
1
9
12
11
13
14
15
16
10
ADuM2250
µCPU
OR
SECONDARY
BUS
SEGMENT
I2C BUS
Figure 7. Typical Isolated I2C Interface Using ADuM2250


Similar Part No. - ADuM2250ARIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM2250ARIZ AD-ADUM2250ARIZ Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
ADUM2250ARIZ-RL AD-ADUM2250ARIZ-RL Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
More results

Similar Description - ADuM2250ARIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM2250 AD-ADUM2250 Datasheet
315Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. 0
ADUM2250 AD-ADUM2250_V01 Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
ADUM2251 AD-ADUM2251_15 Datasheet
309Kb / 16P
   Hot Swappable, Dual IC Isolators, 5 kV
Rev. C
ADUM2250 AD-ADUM2250_15 Datasheet
309Kb / 16P
   Hot Swappable, Dual IC Isolators, 5 kV
Rev. C
ADUM1250_VD AD-ADUM1250_VD Datasheet
274Kb / 12P
   Hot Swappable, Dual I2C Isolators
REV. D
ADUM1250WSRZ AD-ADUM1250WSRZ Datasheet
300Kb / 12P
   Hot Swappable, Dual I2C Isolators
Rev. F
ADUM1250 AD-ADUM1250 Datasheet
335Kb / 12P
   Hot Swappable Dual I2C Isolators
REV. 0
ADUM1250 AD-ADUM1250_V01 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
logo
Linear Technology
LTC4310-2 LINER-LTC4310-2_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1 Datasheet
913Kb / 20P
   Hot-Swappable I2C Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com