Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM3251E Datasheet(PDF) 11 Page - Analog Devices

Part # ADM3251E
Description  Isolated, Single-Channel RS-232 Line Driver/Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3251E Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM3251E Datasheet HTML 7Page - Analog Devices ADM3251E Datasheet HTML 8Page - Analog Devices ADM3251E Datasheet HTML 9Page - Analog Devices ADM3251E Datasheet HTML 10Page - Analog Devices ADM3251E Datasheet HTML 11Page - Analog Devices ADM3251E Datasheet HTML 12Page - Analog Devices ADM3251E Datasheet HTML 13Page - Analog Devices ADM3251E Datasheet HTML 14Page - Analog Devices ADM3251E Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADM3251E
Rev. E | Page 11 of 16
THEORY OF OPERATION
The ADM3251E is a high speed, 2.5 kV fully isolated, single-
channel RS-232 transceiver device that operates from a single
power supply.
The internal circuitry consists of the following main sections:
Isolation of power and data
A charge pump voltage converter
A 5.0 V logic to EIA/TIA-232E transmitter
A EIA/TIA-232E to 5.0 V logic receiver
DECODE
RECT
REG
V–
C4
0.1µF
16V
VOLTAGE
DOUBLER
C1+ C1– V+
VISO
C2+ C2–
R
T
VOLTAGE
INVERTER
VCC
ROUT
TIN
GND
GNDISO
RIN*
TOUT
ADM3251E
OSC
ENCODE
ENCODE
DECODE
*INTERNAL 5k
Ω PULL-DOWN RESISTOR ON THE RS-232 INPUT.
0.1µF
C3
0.1µF
10V
C2
0.1µF
16V
0.1µF
C1
0.1µF
16V
Figure 13. Functional Block Diagram
ISOLATION OF POWER AND DATA
The ADM3251E incorporates a dc-to-dc converter section,
which works on principles that are common to most modern
power supply designs. VCC power is supplied to an oscillating
circuit that switches current into a chip-scale air core transformer.
Power is transferred to the secondary side, where it is rectified
to a high dc voltage. The power is then linearly regulated to
about 5.0 V and supplied to the secondary side data section
and to the VISO pin. The VISO pin should not be used to power
external circuitry.
Because the oscillator runs at a constant high frequency
independent of the load, excess power is internally dissipated
in the output voltage regulation process. Limited space for
transformer coils and components also adds to internal power
dissipation. This results in low power conversion efficiency.
The ADM3251E can be operated with the dc-to-dc converter
enabled or disabled. The internal dc-to-dc converter state of the
ADM3251E is controlled by the input VCC voltage. In normal
operating mode, VCC is set between 4.5 V and 5.5 V and the
internal dc-to-dc converter is enabled. To disable the dc-to-dc
converter, lower VCC to a value between 3.0 V and 3.7 V. In this
mode, the user must externally supply isolated power to the
VISO pin. An isolated secondary side voltage of between 3.0 V
and 5.5 V and a secondary side input current, IISO, of 12 mA
(maximum) is required on the VISO pin. The signal channels of
the ADM3251E then continue to operate normally.
The TIN pin accepts TTL/CMOS input levels. The driver input
signal that is applied to the TIN pin is referenced to logic ground
(GND). It is coupled across the isolation barrier, inverted, and
then appears at the transceiver section, referenced to isolated
ground (GNDISO). Similarly, the receiver input (RIN) accepts
RS-232 signal levels that are referenced to isolated ground.
The RIN input is inverted and coupled across the isolation
barrier to appear at the ROUT pin, referenced to logic ground.
The digital signals are transmitted across the isolation barrier
using iCoupler technology. Chip-scale transformer windings
couple the digital signals magnetically from one side of the
barrier to the other. Digital inputs are encoded into waveforms
that are capable of exciting the primary transformer of the winding.
At the secondary winding, the induced waveforms are decoded
into the binary value that was originally transmitted.
There is hysteresis in the VCC input voltage detect circuit.
Once the dc-to-dc converter is active, the input voltage
must be decreased below the turn-on threshold to disable
the converter. This feature ensures that the converter does
not go into oscillation due to noisy input power.
+
+
C3
0.1µF
10V
+ C1
0.1µF
16V
+ C2
0.1µF
16V
0.1µF
+
C4
0.1µF
16V
EIA/TIA-232E OUTPUT
EIA/TIA-232E INPUT
VISO
V+
C1+
C1–
TOUT
RIN
C2+
C2–
V–
GNDISO
ISOLATION
BARRIER
CMOS OUTPUT
CMOS INPUT
4.5V TO 5.5V
VCC
ROUT
TIN
GND
0.1µF
ADM3251E
Figure 14. Typical Operating Circuit with the DC-to-DC Converter Enabled
(VCC = 4.5 V to 5.5 V)
+
+
C3
0.1µF
10V
+ C1
0.1µF
16V
+ C2
0.1µF
16V
0.1µF
+
C4
0.1µF
16V
EIA/TIA-232E OUTPUT
EIA/TIA-232E INPUT
VISO
V+
C1+
C1–
TOUT
RIN
C2+
C2–
V–
GNDISO
ISOLATION
BARRIER
CMOS OUTPUT
CMOS INPUT
3.0V TO 3.7V
3.0V TO 5.5V
ISOLATED SUPPLY
VCC
ROUT
TIN
GND
0.1µF
ADM3251E
Figure 15. Typical Operating Circuit with the DC-to-DC Converter Disabled
(VCC = 3.0 V to 3.7 V)


Similar Part No. - ADM3251E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3251E AD-ADM3251E Datasheet
133Kb / 6P
   Isolated Single Channel RS-232 Line Driver/Receiver
Rev. PrA
ADM3251E AD-ADM3251E Datasheet
382Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
REV. 0
ADM3251E AD-ADM3251E Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADM3251E AD-ADM3251E Datasheet
357Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. G
ADM3251EARWZ AD-ADM3251EARWZ Datasheet
382Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
REV. 0
More results

Similar Description - ADM3251E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3251E AD-ADM3251E Datasheet
133Kb / 6P
   Isolated Single Channel RS-232 Line Driver/Receiver
Rev. PrA
ADM3251E AD-ADM3251E_V01 Datasheet
357Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. G
ADM3251E AD-ADM3251E_1 Datasheet
382Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
REV. 0
ADM3252E AD-ADM3252E Datasheet
352Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
REV. 0
ADM3252E AD-ADM3252E_V01 Datasheet
435Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
Rev. A
logo
NEC
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4711B NEC-UPD4711B Datasheet
93Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4713A NEC-UPD4713A Datasheet
105Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4715A NEC-UPD4715A Datasheet
66Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4712C NEC-UPD4712C Datasheet
80Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com