Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM2490EBRWZ-REEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM2490EBRWZ-REEL7
Description  High Speed, ESD-Protected, Full-Duplex, iCoupler Isolated RS-485 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2490EBRWZ-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  ADM2490EBRWZ-REEL7 Datasheet HTML 1Page - Analog Devices ADM2490EBRWZ-REEL7 Datasheet HTML 2Page - Analog Devices ADM2490EBRWZ-REEL7 Datasheet HTML 3Page - Analog Devices ADM2490EBRWZ-REEL7 Datasheet HTML 4Page - Analog Devices ADM2490EBRWZ-REEL7 Datasheet HTML 5Page - Analog Devices ADM2490EBRWZ-REEL7 Datasheet HTML 6Page - Analog Devices ADM2490EBRWZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM2490EBRWZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM2490EBRWZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADM2490E
Rev. A | Page 5 of 16
REGULATORY INFORMATION
Table 5. ADM2490E Approvals
Organization
Approval Type
Notes
UL
Recognized under the Component Recognition
Program of Underwriters Laboratories, Inc.
In accordance with UL 1577, each ADM2490E is proof tested by
applying an insulation test voltage ≥ 6000 V rms for 1 second
(current leakage detection limit = 10 μA).
VDE
Certified according to DIN EN 60747-5-2
(VDE 0884-10 Part 2): 2003-01,
DIN EN 60950 (VDE 0805): 2001-12; EN 60950: 2000
In accordance with DIN EN 60747-5-2, each ADM2490E is proof
tested by applying an insulation test voltage ≥ 1590 V peak for
1 second (partial discharge detection limit = 5 pC).
INSULATION AND SAFETY-RELATED SPECIFICATIONS
Table 6.
Parameter
Symbol
Value
Unit
Conditions
Rated Dielectric Insulation Voltage
5000
V rms
1 minute duration
Minimum External Air Gap (Clearance)
L(I01)
7.45
mm min
Measured from input terminals to output
terminals, shortest distance through air
Minimum External Tracking (Creepage)
L(I02)
8.1
mm min
Measured from input terminals to output
terminals, shortest distance along body
Minimum Internal Gap (Internal Clearance)
0.017
mm min
Insulation distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89)
VDE 0884-10 INSULATION CHARACTERISTICS
This isolator is suitable for basic electrical isolation only within the safety limit data. Maintenance of the safety data must be ensured by
means of protective circuits.
An asterisk (*) on a package denotes VDE 0884-10 approval for 848 V peak working voltage.
Table 7.
Description
Symbol
Characteristic
Unit
Installation Classification per DIN VDE 0110 for Rated Mains Voltage
≤300 V rms
I to IV
≤450 V rms
I to II
≤600 V rms
I to II
Climatic Classification
40/105/21
Pollution Degree (DIN VDE 0110, see Table 1)
2
Maximum Working Insulation Voltage
VIORM
848
V peak
Input-to-Output Test Voltage, Method b1
VPR
1590
V peak
VIORM × 1.875 = VPR, 100% Production Tested, tm = 1 sec, Partial Discharge < 5 pC
Input-to-Output Test Voltage, Method a
After Environmental Tests, Subgroup 1
VIORM × 1.6 = VPR, tm = 60 sec, Partial Discharge < 5 pC
1357
V peak
After Input and/or Safety Test, Subgroup 2/3
VIORM × 1.2 = VPR, tm = 60 sec, Partial Discharge < 5 pC
VPR
1018
V peak
Highest Allowable Overvoltage (Transient Overvoltage, tTR = 10 sec)
VTR
6000
V peak
Safety-Limiting Values (Maximum Value Allowed in the Event of a Failure; see Figure 16)
Case Temperature
TS
150
°C
Input Current
IS, INPUT
265
mA
Output Current
IS, OUTPUT
335
mA
Insulation Resistance at TS, VIO = 500 V
RS
>109
Ω


Similar Part No. - ADM2490EBRWZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2490EBRWZ-REEL71 AD-ADM2490EBRWZ-REEL71 Datasheet
559Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
More results

Similar Description - ADM2490EBRWZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2490E AD-ADM2490E Datasheet
559Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2491E AD-ADM2491E_V01 Datasheet
423Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex iCoupler Isolated RS-485 Transceiver
Rev. C
ADM2491E AD-ADM2491E Datasheet
572Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2484E AD-ADM2484E Datasheet
472Kb / 16P
   500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2484E AD-ADM2484E_V01 Datasheet
377Kb / 16P
   500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver
Rev. G
ADM2491EBRWZ AD-ADM2491EBRWZ Datasheet
410Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex Coupler Isolated RS-485 Transceiver
REV. B
ADM2486 AD-ADM2486_V01 Datasheet
449Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
Rev. E
ADM2486 AD-ADM2486 Datasheet
294Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
REV. C
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com