Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM2485 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM2485
Description  High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2485 Datasheet(HTML) 1 Page - Analog Devices

  ADM2485_07 Datasheet HTML 1Page - Analog Devices ADM2485_07 Datasheet HTML 2Page - Analog Devices ADM2485_07 Datasheet HTML 3Page - Analog Devices ADM2485_07 Datasheet HTML 4Page - Analog Devices ADM2485_07 Datasheet HTML 5Page - Analog Devices ADM2485_07 Datasheet HTML 6Page - Analog Devices ADM2485_07 Datasheet HTML 7Page - Analog Devices ADM2485_07 Datasheet HTML 8Page - Analog Devices ADM2485_07 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
High Speed, Isolated RS-485 Transceiver
with Integrated Transformer Driver
ADM2485
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Half-duplex, isolated RS-485 transceiver
Integrated oscillator driver for external transformer
PROFIBUS® compliant
Complies with ANSI/TIA/EIA RS-485-A-98 and
ISO 8482:1987(E)
Data rate: 16 Mbps
5 V or 3.3 V operation (VDD1)
50 nodes on bus
High common-mode transient immunity: >25 kV/μs
Isolated DE OUT status output
Thermal shutdown protection
Safety and regulatory approvals
UL recognition: 2500 V rms for 1 minute per UL 1577
VDE Certificate of Conformity
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
Reinforced insulation, VIORM = 560 V peak
Operating temperature range: –40°C to +85°C
Wide-body, 16-lead SOIC package
APPLICATIONS
Isolated RS-485/RS-422 interfaces
PROFIBUS networks
Industrial field networks
Multipoint data transmission systems
FUNCTIONAL BLOCK DIAGRAM
RTS
VDD1
DE OUT
GND1
A
B
VDD2
GND2
D1
D2
TxD
RxD
RE
ADM2485
OSC
Figure 1.
GENERAL DESCRIPTION
The ADM2485 differential bus transceiver is an integrated,
galvanically isolated component designed for bidirectional data
communication on multipoint bus transmission lines. It is
designed for balanced transmission lines and complies with
ANSI/TIA/EIA RS-485-A-98 and ISO 8482:1987(E).
The device employs Analog Devices, Inc., iCoupler® technology
to combine a 3-channel isolator, a three-state differential line
driver, and a differential input receiver into a single package. An
on-chip oscillator outputs a pair of square waveforms that drive
an external transformer to provide isolated power with an external
transformer. The logic side of the device can be powered with
either a 5 V or a 3.3 V supply, and the bus side is powered with
an isolated 5 V supply.
The ADM2485 driver has an active high enable. The driver
differential outputs and the receiver differential inputs are
connected internally to form a differential input/output port
that imposes minimal loading on the bus when the driver is
disabled or when VDD1 or VDD2 = 0 V. Also provided is an active
high receiver disable that causes the receive output to enter a
high impedance state.
The device has current-limiting and thermal shutdown features
to protect against output short circuits and situations where bus
contention might cause excessive power dissipation. The part is
fully specified over the industrial temperature range and is available
in a 16-lead, wide-body SOIC package.


Similar Part No. - ADM2485_07

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2485BRWZ AD-ADM2485BRWZ Datasheet
559Kb / 15P
   High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev.PrK
ADM2485BRWZ AD-ADM2485BRWZ Datasheet
586Kb / 20P
   High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev. A
ADM2485BRWZ-REEL AD-ADM2485BRWZ-REEL Datasheet
559Kb / 15P
   High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev.PrK
ADM2485BRWZ-REEL7 AD-ADM2485BRWZ-REEL7 Datasheet
586Kb / 20P
   High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev. A
ADM2485 AD-ADM2485_V01 Datasheet
586Kb / 20P
   High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev. A
More results

Similar Description - ADM2485_07

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2485 AD-ADM2485 Datasheet
559Kb / 15P
   High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev.PrK
ADM2485 AD-ADM2485_V01 Datasheet
586Kb / 20P
   High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev. A
logo
Texas Instruments
ISO35T TI1-ISO35T_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO1176T_1108 TI-ISO1176T_1108 Datasheet
674Kb / 27P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI1-ISO1176T_14 Datasheet
1Mb / 28P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO35T TI1-ISO35T Datasheet
740Kb / 25P
[Old version datasheet]   Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO1176T TI1-ISO1176T_13 Datasheet
1Mb / 27P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI-ISO1176T Datasheet
494Kb / 24P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO3086T TI1-ISO3086T Datasheet
519Kb / 24P
[Old version datasheet]   Isolated 5V RS-485 Transceiver With Integrated Transformer Driver
ISO3086T TI1-ISO3086T_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 5-V RS-485 Transceiver With Integrated Transformer Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com