Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM2485 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM2485
Description  High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2485 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM2485_07 Datasheet HTML 2Page - Analog Devices ADM2485_07 Datasheet HTML 3Page - Analog Devices ADM2485_07 Datasheet HTML 4Page - Analog Devices ADM2485_07 Datasheet HTML 5Page - Analog Devices ADM2485_07 Datasheet HTML 6Page - Analog Devices ADM2485_07 Datasheet HTML 7Page - Analog Devices ADM2485_07 Datasheet HTML 8Page - Analog Devices ADM2485_07 Datasheet HTML 9Page - Analog Devices ADM2485_07 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADM2485
Rev. A | Page 6 of 20
PACKAGE CHARACTERISTICS
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Resistance (Input-to-Output)1
RI-O
1012
Ω
Capacitance (Input-to-Output)1
CI-O
3
pF
f = 1 MHz
Input Capacitance2
CI
4
pF
Input IC Junction-to-Case Thermal Resistance
θJCI
33
°C/W
Thermocouple located at center of
package underside
Output IC Junction-to-Case Thermal Resistance
θJCO
28
°C/W
Thermocouple located at center of
package underside
1 Device considered a 2-terminal device: Pin 1 to Pin 8 are shorted together and Pin 9 to Pin 16 are shorted together.
2 Input capacitance is from any input data pin to ground.
REGULATORY INFORMATION
Table 4. ADM2485 Approvals
Organization
Approval Type
Notes
UL
Recognized under the Component Recognition
Program of Underwriters Laboratories, Inc.
In accordance with UL 1577, each ADM2485 is proof tested by
applying an insulation test voltage ≥3000 V rms for 1 second
(current leakage detection limit = 5 μA).
VDE
Certified according to DIN V VDE V 0884-10
(VDE V 0884-10): 2006-12
In accordance with DIN V VDE V 0884-10, each ADM2485 is proof
tested by applying an insulation test voltage ≥1050 V peak for
1 second (partial discharge detection limit = 5 pC).
INSULATION AND SAFETY-RELATED SPECIFICATIONS
Table 5.
Parameter
Symbol
Value
Unit
Conditions
Rated Dielectric Insulation Voltage
2500
V rms
1-minute duration
Minimum External Air Gap (External Clearance)
L(I01)
5.15 min
mm
Measured from input terminals to output terminals,
shortest distance through air
Minimum External Tracking (Creepage)
L(I02)
5.5 min
mm
Measured from input terminals to output terminals,
shortest distance along body
Minimum Internal Gap (Internal Clearance)
0.017 min
mm
Insulation distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>175
V
DIN IEC 112/VDE 0303-1
Isolation Group
IIIa
Material Group (DIN VDE 0110: 1989-01, Table 1)


Similar Part No. - ADM2485_07

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2485BRWZ AD-ADM2485BRWZ Datasheet
559Kb / 15P
   High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev.PrK
ADM2485BRWZ AD-ADM2485BRWZ Datasheet
586Kb / 20P
   High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev. A
ADM2485BRWZ-REEL AD-ADM2485BRWZ-REEL Datasheet
559Kb / 15P
   High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev.PrK
ADM2485BRWZ-REEL7 AD-ADM2485BRWZ-REEL7 Datasheet
586Kb / 20P
   High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev. A
ADM2485 AD-ADM2485_V01 Datasheet
586Kb / 20P
   High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev. A
More results

Similar Description - ADM2485_07

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2485 AD-ADM2485 Datasheet
559Kb / 15P
   High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev.PrK
ADM2485 AD-ADM2485_V01 Datasheet
586Kb / 20P
   High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev. A
logo
Texas Instruments
ISO35T TI1-ISO35T_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO1176T_1108 TI-ISO1176T_1108 Datasheet
674Kb / 27P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI1-ISO1176T_14 Datasheet
1Mb / 28P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO35T TI1-ISO35T Datasheet
740Kb / 25P
[Old version datasheet]   Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO1176T TI1-ISO1176T_13 Datasheet
1Mb / 27P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI-ISO1176T Datasheet
494Kb / 24P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO3086T TI1-ISO3086T Datasheet
519Kb / 24P
[Old version datasheet]   Isolated 5V RS-485 Transceiver With Integrated Transformer Driver
ISO3086T TI1-ISO3086T_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 5-V RS-485 Transceiver With Integrated Transformer Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com