Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L3GD20TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L3GD20TR
Description  MEMS motion sensor: three-axis digital output gyroscope
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20TR Datasheet(HTML) 1 Page - STMicroelectronics

  L3GD20TR Datasheet HTML 1Page - STMicroelectronics L3GD20TR Datasheet HTML 2Page - STMicroelectronics L3GD20TR Datasheet HTML 3Page - STMicroelectronics L3GD20TR Datasheet HTML 4Page - STMicroelectronics L3GD20TR Datasheet HTML 5Page - STMicroelectronics L3GD20TR Datasheet HTML 6Page - STMicroelectronics L3GD20TR Datasheet HTML 7Page - STMicroelectronics L3GD20TR Datasheet HTML 8Page - STMicroelectronics L3GD20TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
August 2011
Doc ID 022116 Rev 1
1/44
44
L3GD20
MEMS motion sensor:
three-axis digital output gyroscope
Features
Three selectable full scales (250/500/2000
dps)
I2C/SPI digital output interface
16 bit-rate value data output
8-bit temperature data output
Two digital output lines (interrupt and data
ready)
Integrated low- and high-pass filters with user-
selectable bandwidth
Wide supply voltage: 2.4 V to 3.6 V
Low voltage-compatible IOs (1.8 V)
Embedded power-down and sleep mode
Embedded temperature sensor
Embedded FIFO
High shock survivability
Extended operating temperature range (-40 °C
to +85 °C)
ECOPACK® RoHS and “Green” compliant
Applications
Gaming and virtual reality input devices
Motion control with MMI (man-machine
interface)
GPS navigation systems
Appliances and robotics
Description
The L3GD20 is a low-power three-axis angular
rate sensor.
It includes a sensing element and an IC interface
capable of providing the measured angular rate to
the external world through a digital interface
(I2C/SPI).
The sensing element is manufactured using a
dedicated micro-machining process developed by
STMicroelectronics to produce inertial sensors
and actuators on silicon wafers.
The IC interface is manufactured using a CMOS
process that allows a high level of integration to
design a dedicated circuit which is trimmed to
better match the sensing element characteristics.
The L3GD20 has a full scale of ±250/±500/ ±2000
dps and is capable of measuring rates with a
user-selectable bandwidth.
The L3GD20 is available in a plastic land grid
array (LGA) package and can operate within a
temperature range of -40 °C to +85 °C.
LGA-16 (4x4x1 mm)
Table 1. Device summary
Order code
Temperature range (°C)
Package
Packing
L3GD20
-40 to +85
LGA-16 (4x4x1 mm)
Tray
L3GD20TR
-40 to +85
LGA-16 (4x4x1 mm)
Tape and reel
www.st.com


Similar Part No. - L3GD20TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3GD20H STMICROELECTRONICS-L3GD20H Datasheet
2Mb / 52P
   MEMS motion sensor: three-axis digital output gyroscope
March 2013 Rev 2
L3GD20HTR STMICROELECTRONICS-L3GD20HTR Datasheet
2Mb / 52P
   MEMS motion sensor: three-axis digital output gyroscope
March 2013 Rev 2
More results

Similar Description - L3GD20TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
810Kb / 24P
   MEMS motion sensor: three-axis digital output gyroscope
L3GD20H STMICROELECTRONICS-L3GD20H Datasheet
2Mb / 52P
   MEMS motion sensor: three-axis digital output gyroscope
March 2013 Rev 2
L3G4200D_1012 STMICROELECTRONICS-L3G4200D_1012 Datasheet
1Mb / 42P
   MEMS motion sensor: ultra-stable three-axis digital output gyroscope
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
   MEMS motion sensor: 3-axis digital output gyroscope
L3G4IS STMICROELECTRONICS-L3G4IS Datasheet
478Kb / 24P
   MEMS motion sensor: three-axis digital output gyroscope for gaming and OIS
Rev 1 December 2011
LIS3DHH STMICROELECTRONICS-LIS3DHH Datasheet
641Kb / 29P
   MEMS motion sensor three-axis digital output accelerometer
October 2017 Rev 3
L2G3IS STMICROELECTRONICS-L2G3IS Datasheet
696Kb / 26P
   MEMS motion sensor: two-axis digital output gyroscope for optical image stabilization
December 2013 Rev 3
LPY550AL STMICROELECTRONICS-LPY550AL Datasheet
227Kb / 12P
   MEMS motion sensor: dual axis pitch and yaw 짹500째/s analog output gyroscope
LPY5150AL STMICROELECTRONICS-LPY5150AL Datasheet
229Kb / 12P
   MEMS motion sensor: dual axis pitch and yaw 짹1500째/s analog output gyroscope
LIS3DSHTR STMICROELECTRONICS-LIS3DSHTR Datasheet
1Mb / 53P
   MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com