Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58021U_1109 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY58021U_1109
Description  4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge짰
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58021U_1109 Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY58021U_1109 Datasheet HTML 1Page - Micrel Semiconductor SY58021U_1109 Datasheet HTML 2Page - Micrel Semiconductor SY58021U_1109 Datasheet HTML 3Page - Micrel Semiconductor SY58021U_1109 Datasheet HTML 4Page - Micrel Semiconductor SY58021U_1109 Datasheet HTML 5Page - Micrel Semiconductor SY58021U_1109 Datasheet HTML 6Page - Micrel Semiconductor SY58021U_1109 Datasheet HTML 7Page - Micrel Semiconductor SY58021U_1109 Datasheet HTML 8Page - Micrel Semiconductor SY58021U_1109 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SY58021U
4GHz, 1:4 LVPECL Fanout
Buffer/Translator with Internal Termination
Precision Edge
®
Precision Edge is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The SY58021U is a 2.5V/3.3V precision, high-speed, fully
differential 1:4 LVPECL fanout buffer. Optimized to provide
four identical output copies with less than 15ps output
skew and only 70 fsRMS phase jitter, the SY58021U can
process clock signals as fast as 4GHz.
The differential input includes Micrel’s unique, 3-pin input
termination architecture interfaces to differential LVPECL,
CML, and LVDS signals (AC- or DC-coupled) as small as
100mV without any level-shifting or termination resistor
networks in the signal path. For AC-coupled input interface
applications, an on-board output reference voltage (V
REFAC
)
is provided to bias the VT pin. The outputs are 100k
LVPECL compatible, with extremely fast rise/fall times
guaranteed to 70fs.
The SY58021U operates from a 2.5V ±5% supply or 3.3V
±10% supply and is guaranteed over the full industrial
temperature range (–40°C to +85°C). For applications that
require faster rise/fall times, or greater bandwidth, consider
the SY58022U 1:4 fanout buffer with 400mV LVPECL
output swing, or the SY58020U 1:4 CML fanout buffer. The
SY58021U is part of Micrel’s high-speed, Precision Edge
®
product line.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Precision Edge
®
Features
• Precision 1:4 LVPECL fanout buffer
• Low jitter performance:
− 70fsRMS phase jitter (typical)
• Accepts an input signal as low as 100mV
• Unique input termination and VT pin accepts DC-
coupled and AC-coupled differential inputs: LVPECL,
LVDS, and CML
• 100k LVPECL-compatible 800mV swing output
• Power supply 2.5V ±5% and 3.3V ±10%
• −40°C to +85°C temperature range
• Available in 16-pin (3mm × 3mm) QFN package
Applications
• All SONET and GigE clock distribution
• Fibre Channel clock and data distribution
• Backplane distribution
• High-end, low-skew, multiprocessor, synchronous clock
distribution
Block Diagram
September 2011
M9999-090111-B
hbwhelp@micrel.com or (408) 955-1690


Similar Part No. - SY58021U_1109

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58021U MICREL-SY58021U_10 Datasheet
721Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge
More results

Similar Description - SY58021U_1109

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58021U MICREL-SY58021U_10 Datasheet
721Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge
SY58021U MICREL-SY58021U_07 Datasheet
142Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY58021U MICREL-SY58021U Datasheet
133Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
   UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89831U MICREL-SY89831U Datasheet
130Kb / 11P
   ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89854U MICREL-SY89854U Datasheet
550Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89854U MICREL-SY89854U_07 Datasheet
567Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY58012U MICREL-SY58012U Datasheet
118Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
SY58012U MICREL-SY58012U_08 Datasheet
132Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com