Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY54017R Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY54017R
Description  Low Voltage 1.2V/1.8V CML 2:1 MUX with Fail Safe Inputs, 3.2Gbps, 2.5GHz
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY54017R Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY54017R Datasheet HTML 1Page - Micrel Semiconductor SY54017R Datasheet HTML 2Page - Micrel Semiconductor SY54017R Datasheet HTML 3Page - Micrel Semiconductor SY54017R Datasheet HTML 4Page - Micrel Semiconductor SY54017R Datasheet HTML 5Page - Micrel Semiconductor SY54017R Datasheet HTML 6Page - Micrel Semiconductor SY54017R Datasheet HTML 7Page - Micrel Semiconductor SY54017R Datasheet HTML 8Page - Micrel Semiconductor SY54017R Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Micrel, Inc.
SY54017R
March 2008
4
M9999-033108-A
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VCC) ............................... –0.5V to +3.0V
Supply Voltage (VCCO) ............................. –0.5V to +2.7V
VCC – VCCO ........................................................<1.8V
VCCO – VCC ........................................................<0.5V
Input Voltage (VIN) .......................................–0.5V to VCC
CML Output Voltage (VOUT) ............... 0.6V to VCCO+0.5V
Current (VT)
Source or sink current on VT pin .................±100mA
Input Current
Source or sink current on (IN, /IN) .................±50mA
Maximum operating Junction Temperature .......... 125°C
Lead Temperature (soldering, 20sec.) .................. 260°C
Storage Temperature (Ts) ....................–65°C to +150°C
Operating Ratings
(2)
Supply Voltage (VCC)..........................2.375V to 2.625V
(VCCO)………………...…..1.14V to 1.9V
Ambient Temperature (TA) ................... –40°C to +85°C
Package Thermal Resistance
(3)
MLF
®
Still-air (
θ
JA) ............................................ 75°C/W
Junction-to-board (
ψ
JB) .......................... 33°C/W
DC Electrical Characteristics
(4)
TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply Voltage Range
VCC
VCCO
VCCO
2.375
1.14
1.7
2.5
1.2
1.8
2.625
1.26
1.9
V
V
V
ICC
Power Supply Current
Max. VCC
22
32
mA
ICCO
Power Supply Current
No Load. Max VCCO
16
21
mA
RIN
Input Resistance
(IN-to-VT, /IN-to-VT )
45
50
55
RDIFF_IN
Differential Input Resistance
(IN-to-/IN)
90
100
110
VIH
VIL
Input HIGH Voltage
(IN, /IN)
Input LOW Voltage
(IN, /IN)
IN, /IN
VIL with VIH = 1.2V
1.2
0.2
VCC
VIH–0.1
V
V
VIH
VIL
Input HIGH Voltage
(IN, /IN)
Input LOW Voltage
(IN, /IN)
IN, /IN
VIL with VIH = 1.14V, (1.2V-5%)
1.14
0.66
VCC
VIH–0.1
V
V
VIN
Input Voltage Swing
(IN, /IN)
see Figure 3a
0.1
1.0
V
VDIFF_IN
Differential Input Voltage Swing
(|IN - /IN|)
see Figure 3b
0.2
2.0
V
VIN_FSI
Input Voltage Threshold that
Triggers FSI
30
100
mV
VT_IN
Voltage from Input to VT
1.28
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratings conditions for
extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the device's most negative potential on the PCB.
ψ
JB and θJA
values are determined for a 4-layer board in still-air number, unless otherwise stated.
4. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.


Similar Part No. - SY54017R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY54017AR MICREL-SY54017AR Datasheet
546Kb / 14P
   Low Voltage 1.2V/1.8V CML 2:1 MUX 3.2Gbps, 2.5GHz
More results

Similar Description - SY54017R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY54017AR MICREL-SY54017AR Datasheet
546Kb / 14P
   Low Voltage 1.2V/1.8V CML 2:1 MUX 3.2Gbps, 2.5GHz
SY54023R MICREL-SY54023R Datasheet
619Kb / 15P
   Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch with Fail-Safe Inputs, 3.2Gbps, 2.5GHz
SY54016R MICREL-SY54016R_10 Datasheet
804Kb / 13P
   Low Voltage 1.2V/1.8V CML Differential Line Driver/Receiver with Fail Safe Input 3.2Gbps, 2.5GHz
SY54016R MICREL-SY54016R Datasheet
819Kb / 13P
   Low Voltage 1.2V/1.8V CML Differential Line Driver/Receiver with Fail Safe Input 3.2Gbps, 2.5GHz
SY54020R MICREL-SY54020R Datasheet
556Kb / 14P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN and Fail-Safe Input 3.2Gbps, 2.5GHz
SY54020R MICREL-SY54020R_09 Datasheet
556Kb / 14P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN and Fail-Safe Input 3.2Gbps
SY54011R MICREL-SY54011R_10 Datasheet
517Kb / 10P
   Low Voltage 1.2V/1.8V CML 1:2 Fanout Buffer, 3.2Gbps, 3.2GHz
SY54011R MICREL-SY54011R Datasheet
481Kb / 10P
   Low Voltage 1.2V/1.8V CML 1:2 Fanout Buffer, 3.2Gbps, 3.2GHz
SY56017R MICREL-SY56017R Datasheet
502Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 2:1 MUX 6.4Gbps with Equalization
SY56028XR MICREL-SY56028XR Datasheet
349Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com