Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1NF60 Datasheet(PDF) 6 Page - Shindengen Electric Mfg.Co.Ltd

Part # D1NF60
Description  Super Fast Recovery Rectifiers(600V 0.8A)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D1NF60 Datasheet(HTML) 6 Page - Shindengen Electric Mfg.Co.Ltd

  D1NF60 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D1NF60 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D1NF60 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D1NF60 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D1NF60 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D1NF60 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd D1NF60 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Peak Surge Forward Capability
0
10
20
30
40
50
60
70
1
10
100
D1NF60
2
5
20
50
10ms 10ms
1 cycle
Number of Cycles [cycles]
non-repetitive,
sine wave,
Tj=25
°C before
surge current is applied


Similar Part No. - D1NF60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D1NF60 SHINDENGEN-D1NF60_17 Datasheet
407Kb / 4P
   Super Fast Recovery Diode
More results

Similar Description - D1NF60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D1FL40 SHINDENGEN-D1FL40 Datasheet
463Kb / 7P
   Super Fast Recovery Rectifiers(400V 0.8A)
SF10L60U SHINDENGEN-SF10L60U Datasheet
333Kb / 6P
   Super Fast Recovery Rectifiers(600V 10A)
SF8L60 SHINDENGEN-SF8L60 Datasheet
375Kb / 6P
   Super Fast Recovery Rectifiers(600V 8A)
DF10L60 SHINDENGEN-DF10L60 Datasheet
388Kb / 6P
   Super Fast Recovery Rectifiers(600V 10A)
S20L60 SHINDENGEN-S20L60 Datasheet
389Kb / 6P
   Super Fast Recovery Rectifiers(600V 20A)
S3L60 SHINDENGEN-S3L60 Datasheet
434Kb / 7P
   Super Fast Recovery Rectifiers(600V 2.2A)
D30L60 SHINDENGEN-D30L60 Datasheet
412Kb / 6P
   Super Fast Recovery Rectifiers(600V 30A)
D5L60 SHINDENGEN-D5L60 Datasheet
463Kb / 7P
   Super Fast Recovery Rectifiers(600V 5A)
S16L60 SHINDENGEN-S16L60 Datasheet
375Kb / 6P
   Super Fast Recovery Rectifiers(600V 16A)
S2L60 SHINDENGEN-S2L60 Datasheet
435Kb / 7P
   Super Fast Recovery Rectifiers(600V 1.5A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com