Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRCN Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # SRCN
Description  Low Cost, General Purpose Miniature Circular Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

SRCN Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  SRCN Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. SRCN Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
87
Dimensions in mm (inches).
• Please consult JAE for verification of product availability.
SRCN SERIES CONNECTORS
Low Cost, General Purpose Miniature Circular Connectors
FEATURES
• Miniature, lightweight, solid construction
• General purpose
• Low cost connector
• Product approved by UL standard:
File No. E-67741 (s)
• Highly reliable contact finish
• Stable connections
• Positive polarization with five keys and keyways
• • • • • • • • • • • • • •
SRCN Series connectors are low cost, light weight, general purpose,
circular connectors with soldering termination, recognized under the
Component Program of Underwriter Laboratories, File No. E-67741 (S).
Three styles are available for making connection between cables,
and between cable and panel: Straight Plug, Cable Connecting Plug
and Box Mounting Receptacle. Both pin and socket inserts are
available in each style.
Applications include broadcast and communication systems,
medical equipment, telecommunications, measurement equipment,
business machines, computers and peripherals, automation
equipment, tooling, controlling devices, vending machines, electronic
entertainment equipment and other electronic equipment.
Receptacle
Plug
Connector Profile (Ref.)
GENERAL SPECIFICATIONS
Number of Contacts
#16: 3, 7, 10, 16
#20: 5, 10, 16, 24
Current Rating
(Per contact)
5 Amp max. for #20 contact
10 Amp max. for #16 contact
Operating Voltage
250 VAC r.m.s., max.
350 VDC max.
Operating Temperature
-25°C to +85°C
Dielectric Withstanding Voltage
250 VAC r.m.s. (for one minute)
Insulation Resistance
1000 megohms min.
Contact Resistance
5 milliohms max.
Durability
500 cycles
MATERIALS AND FINISHES*
Description
Materials/Finishes
Shell, Barrel, Endbell,
Coupling Nut, Clamp
Aluminum alloy, Nickel Plated (satin)
Insulator
Synthetic resin, UL94V-O (Green)
Contact
Copper alloy, Silver Plated
Retaining Ring
Copper alloy, Nickel Plated
Set Screw, Clamp Screw Steel, Nickel Plated


Similar Part No. - SRCN

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
SRCN1A13-10P JAE-SRCN1A13-10P Datasheet
290Kb / 8P
   Preferred Connector
SRCN1A13-10S JAE-SRCN1A13-10S Datasheet
290Kb / 8P
   Preferred Connector
SRCN1A13-16P JAE-SRCN1A13-16P Datasheet
290Kb / 8P
   Preferred Connector
SRCN1A13-16S JAE-SRCN1A13-16S Datasheet
290Kb / 8P
   Preferred Connector
SRCN1A13-18P JAE-SRCN1A13-18P Datasheet
290Kb / 8P
   Preferred Connector
More results

Similar Description - SRCN

ManufacturerPart #DatasheetDescription
logo
Lumberg
MP-371 LUMBERG-MP-371 Datasheet
570Kb / 3P
   Miniature circular connectors
logo
List of Unclassifed Man...
R03 ETC2-R03 Datasheet
616Kb / 2P
   Miniature Circular Connectors
ER03 ETC-ER03 Datasheet
1Mb / 8P
   Miniature Circular Connectors
logo
Lumberg
MJ-372 LUMBERG-MJ-372 Datasheet
561Kb / 3P
   Miniature circular connectors
logo
List of Unclassifed Man...
KPSE06F12-10P ETC2-KPSE06F12-10P Datasheet
326Kb / 31P
   Miniature circular connectors
logo
Hosiden Corporation
TCS-SERIES HOSIDEN-TCS-SERIES Datasheet
14Mb / 40P
   Miniature Circular Connectors
2016. 10
logo
ITT Industries
58286 ITT-58286 Datasheet
326Kb / 31P
   Miniature circular connectors
logo
Lumberg
TM0508A LUMBERG-TM0508A Datasheet
407Kb / 4P
   Miniature circular connectors
logo
Hirose Electric
RM-W HIROSE-RM-W Datasheet
627Kb / 16P
   General-purpose Multi-Contact Circular Waterproof Connectors
HR25A HIROSE-HR25A Datasheet
714Kb / 8P
   Miniature Push-Pull Circular Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com