Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

D15SCA4M Datasheet(PDF) 10 Page - Shindengen Electric Mfg.Co.Ltd

Part No. D15SCA4M
Description  Schottky Rectifiers (SBD) (40V 15A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D15SCA4M Datasheet(HTML) 10 Page - Shindengen Electric Mfg.Co.Ltd

Back Button D15SCA4M Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D15SCA4M Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D15SCA4M Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D15SCA4M Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd D15SCA4M Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd D15SCA4M Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd D15SCA4M Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd D15SCA4M Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd D15SCA4M Datasheet HTML 11Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
tp
IRP
0
VR
0.5IRP
VRP
IR
PRRSM = IRP × VRP
0
20
40
60
80
100
120
0
50
100
150
SBD Repetitive Surge Reverse Power Derating Curve
Junction Temperature Tj [
°C]


Similar Part No. - D15SCA4M

ManufacturerPart No.DatasheetDescription
FCI connector
FCI connector
D15S13A4GV00LF FCI-CONNECTOR-D15S13A4GV00LF Datasheet
90Kb / 1P
   SCREWLOCK, HARPOON,METAL PLATE. SCREWLOCK,HARPOON,METAL PLATE.
D15S24A4GV00 FCI-CONNECTOR-D15S24A4GV00 Datasheet
94Kb / 1P
   RECEPTACLE STD EUROPE STRAIGHT SOLDER TYPE FOR
D15S24A4GV00LF FCI-CONNECTOR-D15S24A4GV00LF Datasheet
94Kb / 1P
   RECEPTACLE STD EUROPE STRAIGHT SOLDER TYPE FOR
D15S24A6GV00LF FCI-CONNECTOR-D15S24A6GV00LF Datasheet
144Kb / 1P
   RECEPTACLE STD EUROPE STRAIGHT SOLDERTYPE FOR PCB 1.60mm
D15S33E4GX00LF FCI-CONNECTOR-D15S33E4GX00LF Datasheet
74Kb / 1P
   SOCKET CONNECT,DELTA D RIGHT ANGLE WITH NUT. HARPOON AND METAL PLATE
More results

Similar Description - D15SCA4M

ManufacturerPart No.DatasheetDescription
Shindengen Electric Mfg.Co.Ltd
Shindengen Electric Mfg...
DF15SC4M SHINDENGEN-DF15SC4M Datasheet
531Kb / 10P
   Schottky Rectifiers (SBD) (40V 15A)
M1FS4 SHINDENGEN-M1FS4 Datasheet
590Kb / 11P
   Schottky Rectifiers (SBD) (40V 1.33A)
D240SC4M SHINDENGEN-D240SC4M Datasheet
16Kb / 1P
   Schottky Rectifiers (SBD) (40V 240A)
D5SC4MR SHINDENGEN-D5SC4MR Datasheet
593Kb / 11P
   Schottky Rectifiers (SBD) (40V 5A)
S30SC4M SHINDENGEN-S30SC4M Datasheet
533Kb / 10P
   Schottky Rectifiers (SBD) (40V 30A)
D10SC4MR SHINDENGEN-D10SC4MR Datasheet
694Kb / 11P
   Schottky Rectifiers (SBD) (40V 10A)
D120SC4M SHINDENGEN-D120SC4M Datasheet
16Kb / 1P
   Schottky Rectifiers (SBD) (40V 120A)
D180SC4M SHINDENGEN-D180SC4M Datasheet
17Kb / 1P
   Schottky Rectifiers (SBD) (40V 180A)
DF30SC4M SHINDENGEN-DF30SC4M Datasheet
535Kb / 10P
   Schottky Rectifiers (SBD) (40V 30A)
S10SC4M SHINDENGEN-S10SC4M Datasheet
566Kb / 10P
   Schottky Rectifiers (SBD) (40V 10A)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz