Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

536MS8GE Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # 536MS8GE
Description  GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

536MS8GE Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  536MS8GE Datasheet HTML 1Page - Hittite Microwave Corporation 536MS8GE Datasheet HTML 2Page - Hittite Microwave Corporation 536MS8GE Datasheet HTML 3Page - Hittite Microwave Corporation 536MS8GE Datasheet HTML 4Page - Hittite Microwave Corporation 536MS8GE Datasheet HTML 5Page - Hittite Microwave Corporation 536MS8GE Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
10
10 - 297
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1
A
See truth and control voltage tables.
2
B
See truth and control voltage tables.
3, 5, 8
RFC, RF1, RF2
These pins are DC coupled and matched to 50 Ohms.
Blocking capacitors are required.
4N/C
No connection required. This pin may be connected
to RF/DC ground without affecting performance
6, 7
GND
Package bottom has exposed metal paddle that
must also be connected to RF/DC ground.
HMC536MS8G / 536MS8GE
GaAs MMIC POSITIVE CONTROL
T/R SWITCH, DC - 6 GHz
v03.0806


Similar Part No. - 536MS8GE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
536 VISHAY-536 Datasheet
86Kb / 4P
   (22.2 mm) Ten Turn Wirewound Precision Potentiometer with a Plastic Shaft
01-Jan-2022
536-1-103XXXX VISHAY-536-1-103XXXX Datasheet
86Kb / 4P
   (22.2 mm) Ten Turn Wirewound Precision Potentiometer with a Plastic Shaft
01-Jan-2022
logo
Pomona Electronics
5360 POMONA-5360 Datasheet
34Kb / 1P
   SMD Grabber Test Clip
logo
Visual Communications C...
5360 VCC-5360 Datasheet
99Kb / 1P
   T-1 Right Angle 4 Wide LED Assembly
logo
Pomona Electronics
5360-0 POMONA-5360-0 Datasheet
34Kb / 1P
   SMD Grabber Test Clip
More results

Similar Description - 536MS8GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC536LP2 HITTITE-HMC536LP2_09 Datasheet
163Kb / 4P
   GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
logo
Analog Devices
HMC536LP2 AD-HMC536LP2 Datasheet
240Kb / 4P
   GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
HMC536MS8G AD-HMC536MS8G Datasheet
460Kb / 4P
   GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
logo
Hittite Microwave Corpo...
HMC536LP2 HITTITE-HMC536LP2 Datasheet
213Kb / 6P
   GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6.0 GHz
HMC536MS8G HITTITE-HMC536MS8G Datasheet
198Kb / 6P
   GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6.0 GHz
HMC224MS8 HITTITE-HMC224MS8_10 Datasheet
154Kb / 4P
   GaAs MMIC T/R SWITCH 5 - 6 GHz
HMC174MS8 HITTITE-HMC174MS8 Datasheet
181Kb / 6P
   GaAs MMIC T/R SWITCH DC - 3 GHz
HMC544 HITTITE-HMC544_08 Datasheet
195Kb / 6P
   GaAs MMIC T/R SWITCH, DC - 4 GHz
HMC544 HITTITE-HMC544 Datasheet
263Kb / 6P
   GaAs MMIC T/R SWITCH, DC - 4.0 GHz
HMC544A HITTITE-HMC544A Datasheet
681Kb / 8P
   GaAs MMIC T/R SWITCH, DC - 4 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com