Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EL0037 Datasheet(PDF) 1 Page - Micronetics, Inc.

Part No. EL0037
Description  High Power Limiters 2.7 GHz to 2.9 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRONETICS [Micronetics, Inc.]
Homepage  http://www.micronetics.com
Logo 

EL0037 Datasheet(HTML) 1 Page - Micronetics, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Power Limiters
EL0037
2.7 GHz to 2.9 GHz
Power Input Specifications
RF Frequency
2.7 GHz to 2.9 GHz
Peak Power
1000 Watts (max)
Average Power
50 Watts (max)
Pulse Width
100 uSec
Microwave Specifications
Insertion Loss
0.5 dB
VSWR
1.3:1
Recovery Time
1 uS
Flat Leakage
+20 dBm
Mechanical
Environmental
Notes
Specifications subject to change without notice
Micronetics, Inc. | Hudson, NH | Tel: 1-603-883-2900 | www.Micronetics.com


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn