Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74LCX05 Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MC74LCX05
Description  LOW-VOLTAGE CMOS HEX INVERTER OPEN DRAIN
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LCX05 Datasheet(HTML) 1 Page - Motorola, Inc

  MC74LCX05 Datasheet HTML 1Page - Motorola, Inc MC74LCX05 Datasheet HTML 2Page - Motorola, Inc MC74LCX05 Datasheet HTML 3Page - Motorola, Inc MC74LCX05 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 0
© Motorola, Inc. 1996
9/95
Product Preview
Low-Voltage CMOS Hex
Inverter, Open Drain
With 5V-Tolerant Inputs
The MC74LCX05 is a high performance open drain hex inverter
operating from a 2.7 to 3.6V supply. High impedance TTL compatible
inputs significantly reduce current loading to input drivers. A VI
specification of 5.5V allows MC74LCX05 inputs to be safely driven from
5V devices.
The MC74LCX05 requires the addition of an external resistor to
perform a wire–NOR function. The open drain output with a 5V pull–up
resistor can be utlilized to drive 5V CMOS inputs. Current drive capability
is 24mA at the outputs.
Designed for 2.7 to 3.6V VCC Operation
5V Tolerant Inputs — Interface Capability With 5V TTL Logic
LVTTL Compatible
LVCMOS Compatible
24mA Output Sink Capability
Near Zero Static Supply Current (10µA) Substantially Reduces System
Power Requirements
Latchup Performance Exceeds 500mA
ESD Performance: Human Body Model >2000V; Machine Model >200V
Pinout: 14–Lead
(Top View)
13
14
12
11
10
9
8
2
1
3
4567
VCC
A3
O3A4
O4A5
O5
A0
O0A1O1A2
O2
GND
2
O0
1
A0
LOGIC DIAGRAM
4
O1
3
A1
6
O2
5
A2
12
O3
13
A3
10
O4
11
A4
8
O5
9
A5
This document contains information on a product under development. Motorola reserves the right to change or
discontinue this product without notice.
DT SUFFIX
PLASTIC TSSOP
CASE 948G–01
14
1
SD SUFFIX
PLASTIC SSOP
CASE 940A–03
14
1
M SUFFIX
PLASTIC SOIC EIAJ
CASE 965–01
14
1
D SUFFIX
PLASTIC SOIC
CASE 751A–03
14
1
PIN NAMES
Function
Data Inputs
Outputs
Pins
An
On
MC74LCX05
LOW–VOLTAGE CMOS
HEX INVERTER
OPEN DRAIN
FUNCTION TABLE
An
On
L
H
H
L


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MC74LCX06 Low-Voltage CMOS Hex Inverter with Open Drain Outputs 1  2  3  4  5  More ON Semiconductor
MC74LCX07 Low-Voltage CMOS Hex Buffer with Open Drain Outputs 1  2  3  4  5  More ON Semiconductor
74LVX05 LOW VOLTAGE CMOS HEX INVERTER OPEN DRAIN WITH 5V TOLERANT INPUTS 1  2  3  4  5  More STMicroelectronics
74LCX05 LOW VOLTAGE CMOS HEX INVERTER OPEN DRAIN WITH 5V TOLERANT INPUTS 1  2  3  4  5  More STMicroelectronics
M54HC05 HEX INVERTER OPEN DRAIN 1  2  3  4  5  More STMicroelectronics
MM74HCT05 Hex Inverter Open Drain 1  2  3  4  5  More Fairchild Semiconductor
ACS05MS Radiation Hardened Hex Inverter with Open Drain Outputs 1  2  Intersil Corporation
MM74HC05 Hex Inverter Open Drain 1  2  3  4  National Semiconductor (TI)
HCS05MS Radiation Hardened Hex Inverter with Open Drain 1  2  3  4  5  More Intersil Corporation
74AC05 Hex Inverter with Open Drain Outputs 1  2  3  4  Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn