Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3012 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # 2SK3012
Description  VX-2 Series Power MOSFET(600V 12A)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SK3012 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  2SK3012 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SK3012 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SK3012 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SK3012 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SK3012 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SK3012 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SK3012 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SK3012 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SK3012 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
2SK3012( F16W60VX2 )
VX-2 Series Power MOSFET
●Electrical Characteristics Tc = 25℃
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Drain-Source Breakdown Voltage
V(BR)DSS ID = 1mA, VGS = 0V
600
V
Zero Gate Voltage Drain Current
IDSS
VDS = 600V, VGS = 0V
250
μA
Gate-Source Leakage Current
IGSS
VGS = ±30V, VDS = 0V
±0.1
Forward Transconductance
gfs
ID = 8A, VDS = 10V
6.2
10.0
S
Static Drain-Source On-state Resistance
RDS(ON) ID = 8A, VGS = 10V
0.45
0.6
Ω
Gate Threshold Voltage
VTH
ID = 1mA, VDS = 10V
2.5
3
3.5
V
Source-Drain Diode Forward Voltage
VSD
IS = 8A, VGS = 0V
1.5
Thermal Resistance
θjc
junction to case
1℃/W
Total Gate Charge
Qg
VGS = 10V, ID = 16A, VDD = 400V
85
nC
Input Capacitance
Ciss
2300
Reverse Transfer Capacitance
Crss
VDS = 10V, VGS = 0V, f = 1MHZ
180
pF
Output Capacitance
Coss
480
Turn-On Time
ton
ID = 8A, VGS = 10V, RL = 19Ω
130
280
ns
Turn-Off Time
toff
260
500


Similar Part No. - 2SK3012

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3012 ISC-2SK3012 Datasheet
374Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Guangdong Kexin Industr...
2SK3012DSE-3 KEXIN-2SK3012DSE-3 Datasheet
108Kb / 1P
   N-Channel Enhancement MOSFET
More results

Similar Description - 2SK3012

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SK2192 SHINDENGEN-2SK2192 Datasheet
393Kb / 10P
   VX-2 Series Power MOSFET(500V 12A)
2SK2191 SHINDENGEN-2SK2191 Datasheet
389Kb / 10P
   VX-2 Series Power MOSFET(500V 12A)
2SK2475 SHINDENGEN-2SK2475 Datasheet
408Kb / 10P
   VX-2 Series Power MOSFET(500V 12A)
2SK2193 SHINDENGEN-2SK2193 Datasheet
395Kb / 10P
   VX-2 Series Power MOSFET(500V 12A)
2SK2564 SHINDENGEN-2SK2564 Datasheet
443Kb / 12P
   VX-2 Series Power MOSFET(600V 8A)
2SK3013 SHINDENGEN-2SK3013 Datasheet
431Kb / 12P
   VX-2 Series Power MOSFET(600V 16A)
2SK3009 SHINDENGEN-2SK3009 Datasheet
391Kb / 10P
   VX-2 Series Power MOSFET(600V 8A)
F12F50VX2 SHINDENGEN-F12F50VX2 Datasheet
155Kb / 10P
   VX-2 SERIES POWER MOSFET
2SK2180 SHINDENGEN-2SK2180 Datasheet
274Kb / 6P
   VX-2 Series Power MOSFET(500V3A)
2SK2185 SHINDENGEN-2SK2185 Datasheet
409Kb / 10P
   VX-2 Series Power MOSFET(500V5A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com