Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3009 Datasheet(PDF) 4 Page - Shindengen Electric Mfg.Co.Ltd

Part # 2SK3009
Description  VX-2 Series Power MOSFET(600V 8A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SK3009 Datasheet(HTML) 4 Page - Shindengen Electric Mfg.Co.Ltd

  2SK3009 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SK3009 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SK3009 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SK3009 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SK3009 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SK3009 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SK3009 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SK3009 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SK3009 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Static Drain-Source On-state Resistance
0.1
1
10
-50
0
50
100
150
2SK3009
VGS = 10V
pulse test
TYP
ID = 4A
Case Temperature Tc [
°C]


Similar Part No. - 2SK3009

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
2SK3009 VBSEMI-2SK3009 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
Inchange Semiconductor ...
2SK3009B ISC-2SK3009B Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3009LS ISC-2SK3009LS Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3009P ISC-2SK3009P Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3009

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SK2564 SHINDENGEN-2SK2564 Datasheet
443Kb / 12P
   VX-2 Series Power MOSFET(600V 8A)
2SK3012 SHINDENGEN-2SK3012 Datasheet
429Kb / 12P
   VX-2 Series Power MOSFET(600V 12A)
2SK3013 SHINDENGEN-2SK3013 Datasheet
431Kb / 12P
   VX-2 Series Power MOSFET(600V 16A)
F12F50VX2 SHINDENGEN-F12F50VX2 Datasheet
155Kb / 10P
   VX-2 SERIES POWER MOSFET
2SK2180 SHINDENGEN-2SK2180 Datasheet
274Kb / 6P
   VX-2 Series Power MOSFET(500V3A)
2SK2185 SHINDENGEN-2SK2185 Datasheet
409Kb / 10P
   VX-2 Series Power MOSFET(500V5A)
2SK2563 SHINDENGEN-2SK2563 Datasheet
442Kb / 12P
   VX-2 Series Power MOSFET(600V4A)
2SK2186 SHINDENGEN-2SK2186 Datasheet
396Kb / 10P
   VX-2 Series Power MOSFET(500V 10A)
2SK2196 SHINDENGEN-2SK2196 Datasheet
394Kb / 10P
   VX-2 Series Power MOSFET(500V 20A)
2SK2182 SHINDENGEN-2SK2182 Datasheet
409Kb / 10P
   VX-2 Series Power MOSFET(500V 3A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com