Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GS9092A Datasheet(PDF) 7 Page - Gennum Corporation

Part # GS9092A
Description  GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9092A Datasheet(HTML) 7 Page - Gennum Corporation

Back Button GS9092A Datasheet HTML 3Page - Gennum Corporation GS9092A Datasheet HTML 4Page - Gennum Corporation GS9092A Datasheet HTML 5Page - Gennum Corporation GS9092A Datasheet HTML 6Page - Gennum Corporation GS9092A Datasheet HTML 7Page - Gennum Corporation GS9092A Datasheet HTML 8Page - Gennum Corporation GS9092A Datasheet HTML 9Page - Gennum Corporation GS9092A Datasheet HTML 10Page - Gennum Corporation GS9092A Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
GS9092A GenLINX® III 270Mb/s Serializer for SDI and
DVB-ASI
Data Sheet
34715 - 4
May 2010
7 of 63
12
IOPROC_EN
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal Levels are LVCMOS / LVTTL compatible.
Used to enable or disable the I/O processing features.
When set HIGH, the following I/O processing features of the device
are enabled:
• SMPTE 352M Payload Identifier Packet Generation and
Insertion
•Illegal Code Remapping
• EDH Generation and Insertion
•Ancillary Data Checksum Insertion
•TRS Generation and Insertion
To enable a subset of these features, keep the IOPROC_EN pin HIGH
and disable the individual feature(s) in the IOPROC_DISABLE
register accessible via the host interface.
When this pin is set LOW, the device will enter low-latency mode.
NOTE: When the internal FIFO is configured for video mode or
ancillary data insertion mode, the IOPROC_EN pin must be set
HIGH.
13
JTAG/HOST
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS / LVTTL compatible.
Used to select JTAG Test Mode or Host Interface Mode.
When set HIGH, CS_TMS, SCLK_TCK, SDOUT_TDO, and SDIN_TDI are
configured for JTAG boundary scan testing.
When set LOW, CS_TMS, SCLK_TCK, SDOUT_TDO, and SDIN_TDI are
configured as GSPI pins for normal host interface operation.
14
RESET
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS / LVTTL compatible.
Used to reset the internal operating conditions to default setting or
to reset the JTAG test sequence.
Host Mode (JTAG/HOST = LOW):
When asserted LOW, all functional blocks will be set to default
conditions ,SDO and SDO are muted, and all input signals become
high impedance with the exception of the STAT pins which will be
driven LOW.
When set HIGH, normal operation of the device resumes 10usec
after the LOW-to-HIGH transition of the RESET signal.
JTAG Test Mode (JTAG/HOST = HIGH):
When asserted LOW, all functional blocks will be set to default and
the JTAG test sequence will be held in reset.
When set HIGH, normal operation of the JTAG test sequence
resumes.
NOTE: For power on reset requirements please see Device Power Up
on page 58.
15, 45
CORE_VDD
Non
Synchronous
Input
Power
Power supply for digital logic blocks. Connect to +1.8V DC.
NOTE: For power sequencing requirements please see Device Power
Up on page 58.
Table 1-1: Pin Descriptions (Continued)
Pin Number
Name
Timing
Type
Description


Similar Part No. - GS9092A

ManufacturerPart #DatasheetDescription
Gennum Corporation
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
Semtech Corporation
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
Gennum Corporation
Gennum Corporation
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results

Similar Description - GS9092A

ManufacturerPart #DatasheetDescription
Gennum Corporation
Gennum Corporation
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
Semtech Corporation
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
   270Mb/s Serializer for SDI and DVB-ASI
Gennum Corporation
Gennum Corporation
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
Semtech Corporation
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
Gennum Corporation
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B Datasheet
1Mb / 71P
   GenLINX짰 III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
   GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com